Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA32E5 Datasheet(PDF) 87 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 87 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 83Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 84Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 85Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 86Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 87Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 88Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 89Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 90Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 87
ATxmega32E5/16E5/8E5
Table 36-13. Accuracy Characteristics
Note:
1.
Maximum numbers are based on characterisation and not tested in production, and valid for 5% to 95% output voltage range.
36.8 Analog Comparator Characteristics
Table 36-14. Analog Comparator Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
RES
Input Resolution
12
Bits
INL (1)
Integral non-linearity
VREF= Ext 1.0V
VCC = 1.6V
±2.0
±3
lsb
VCC = 3.6V
±1.5
±2.5
VREF=AVCC
VCC = 1.6V
±2.0
±4
VCC = 3.6V
±1.5
±4
VREF=INT1V
VCC = 1.6V
±5.0
VCC = 3.6V
±5.0
DNL (1)
Differential non-linearity
VREF=Ext 1.0V
VCC = 1.6V
±1.5
3
VCC = 3.6V
±0.6
1.5
VREF=AVCC
VCC = 1.6V
±1.0
3.5
VCC = 3.6V
±0.6
1.5
VREF=INT1V
VCC = 1.6V
±4.5
VCC = 3.6V
±4.5
Gain error
After calibration
<4
Gain calibration step size
4
Gain calibration drift
VREF= Ext 1.0V
<0.2
mV/K
Offset error
After calibration
<1
lsb
Offset calibration step size
1
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Voff
Input offset voltage
10
mV
Ilk
Input leakage current
<10
50
nA
Input voltage range
-0.1
AVCC
V
AC startup time
50
µs
Vhys1
Hysteresis, none
VCC = 1.6V - 3.6V
0
mV
Vhys2
Hysteresis, small
VCC = 1.6V - 3.6V
12
Vhys3
Hysteresis, large
VCC = 1.6V - 3.6V
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com