Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3604 Datasheet HTML 2Page - Texas Instruments TLV3604 Datasheet HTML 3Page - Texas Instruments TLV3604 Datasheet HTML 4Page - Texas Instruments TLV3604 Datasheet HTML 5Page - Texas Instruments TLV3604 Datasheet HTML 6Page - Texas Instruments TLV3604 Datasheet HTML 7Page - Texas Instruments TLV3604 Datasheet HTML 8Page - Texas Instruments TLV3604 Datasheet HTML 9Page - Texas Instruments TLV3604 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6.5 Electrical Characteristics (VCCI = VCCO = 2.5 V to 5 V)
VCCI = VCCO = 2.5 to 5 V, VEE = 0 V, VCM = VEE + 300 mV, RLOAD = 100 Ω, CL = 1 pF probe capacitance, typical
at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Input Characteristics
VIO
Input offset voltage
VCCI = VCCO = 2.5 V and 5 V
TA = –40°C to +125℃
-5
±0.5
5
mV
VCM
Input common mode voltage
range
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
VEE – 0.2
VCCI + 0.2
V
VHYST
Input hysteresis voltage
0
mV
CIN
Input capacitance
1
pF
RDM
Input differential mode
resistance
67
kΩ
RCM
Input common mode
resistance
342
kΩ
IB
Input bias current
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
-5
-1
5
uA
IOS
Input offset current
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
-1
1
uA
CMRR
Common-mode rejection
ratio
VCCI = VCCO = 2.5 V and 5 V
VCM = VEE – 0.2V to VCCI + 0.2V,
TA = –40℃ to +125℃
50
80
dB
PSRR
Power-supply rejection ratio
VCCI = VCCO = 2.4 to 5.5V,
TA = –40℃ to +125℃
55
80
dB
DC Output Characteristics
VOCM
Output common mode
voltage
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
1.125
1.2
1.375
V
ΔVOCM
Output common mode
voltage mismatch
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
20
mV
VOCM_PP
Peak-to-Peak output
common mode voltage
20
mVpp
VOD
Differential output voltage
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
250
350
450
mV
ΔVOD
Differential output voltage
mismatch
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
10
mV
Power Supply
ICC (TLV3604)
Total quiescent current
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
12
16.5
mA
ICCI (TLV3605)
Input stage quiescent current
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
7.5
10
mA
ICCO (TLV3605)
Output stage quiescent
current
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
5.2
7.0
mA
AC Characteristics
tPD (TLV3604)
Propagation delay
VOVERDRIVE = VUNDERDRIVE = 50mV, 50
MHz Squarewave
800
ps
tPD (TLV3605)
Propagation delay
VOVERDRIVE = VUNDERDRIVE = 50mV, 50
MHz Squarewave
850
ps
tPD_SKEW
Propagation delay skew
VOVERDRIVE = VUNDERDRIVE =
50mV, 50 MHz Squarewave
40
ps
tCM_DISPERSION
Common dispersion
VCM varied from VEE to VCCI
200
ps
tOD_DISPERSION
Overdrive dispersion
Overdrive varied from 10 mV to 250 mV
450
ps
tUD_DISPERSION
Underdrive dispersion
Underdrive varied from 10mV to 250 mV
450
ps
tR
Rise time
20% to 80%
350
ps
tF
Fall time
80% to 20%
350
ps
TLV3604
SNOSDA2A – AUGUST 2020 – REVISED AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV3604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com