Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV3604 Datasheet HTML 5Page - Texas Instruments TLV3604 Datasheet HTML 6Page - Texas Instruments TLV3604 Datasheet HTML 7Page - Texas Instruments TLV3604 Datasheet HTML 8Page - Texas Instruments TLV3604 Datasheet HTML 9Page - Texas Instruments TLV3604 Datasheet HTML 10Page - Texas Instruments TLV3604 Datasheet HTML 11Page - Texas Instruments TLV3604 Datasheet HTML 12Page - Texas Instruments TLV3604 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The TLV360x comparators feature rail-to-rail inputs and outputs on supply voltages as low as 2.4 V. The LVDS
output stage is optimal for high speed applications that require low power consumption. The 850 ps propagation
delay of the device makes it a suitable fit for applications involving optical reception, triggers for test and
measurement systems, and transceiver type applications that require a high speed signal to be carried over a
certain distance.
8.1.1 Comparator Inputs
The TLV360x is a rail-to-rail input comparator, with an input common-mode range that exceeds the supply rails
by 200 mV for both positive and negative supplies.
8.1.2 Capacitive Loads
Under reasonable capacitive loads, the device maintains specified propagation delay. However, excessive
capacitive loading under high switching frequencies may increase supply current, propagation delay, or induce
decreased slew rate.
8.1.3 Latch Functionality
The latch pin of the TLV3605 holds the output state of the device when the LE/HYST pin is less than 800mV
above VEE.
Figure 8-1, Figure 8-2 and Figure 8-3 illustrate proper latch timing for the device. Latch hold time is defined as
the amount of time after the latch pin is asserted in which the input signal must remain stable (not force output
toggle) in order to hold the proper output state at the time the latch pin was asserted. Latch setup time is the
amount of time the input should be stable before the latch pin is asserted low. Figure 8-1 illustrates the amount
of setup time needed for the output to properly latch an input state change. Figure 8-2 shows a proper amount of
setup and hold time for a short input pulse when the latch pin is asserted such that the output latches the correct
state. Figure 8-3 shows the timing diagram for when the latch pin is asserted high, and the time it takes for the
output to properly unlatch.
LE/HYS
t > tsetup
IN
OUT
Figure 8-1. Input Change Properly Latched
www.ti.com
TLV3604
SNOSDA2A – AUGUST 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV3604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com