Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 1 Page - Texas Instruments

  TLV3604 Datasheet HTML 1Page - Texas Instruments TLV3604 Datasheet HTML 2Page - Texas Instruments TLV3604 Datasheet HTML 3Page - Texas Instruments TLV3604 Datasheet HTML 4Page - Texas Instruments TLV3604 Datasheet HTML 5Page - Texas Instruments TLV3604 Datasheet HTML 6Page - Texas Instruments TLV3604 Datasheet HTML 7Page - Texas Instruments TLV3604 Datasheet HTML 8Page - Texas Instruments TLV3604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
1 Features
• Low propagation delay: 800 ps
• Low overdrive dispersion: 450 ps
• High toggle frequency: 1.5 GHz / 3.0 Gbps
• Narrow pulse width detection capability: 600 ps
• LVDS output
• Supply range: 2.4 V to 5.5 V
• Input common-mode range extends 200 mV
beyond both rails
• Low input offset voltage: ±5 mV
• Packages: 6-Pin SC70, 12-Pin QFN (3 mm × 3
mm)
2 Applications
• Distance sensing in LIDAR
• Time-of-Flight sensors
• High speed trigger function in oscilloscope and
logic analyzer
• High speed differential line receiver
• Drone vision
3 Description
The TLV3604 and TLV3605 are 800-ps high speed
comparators with a wide power supply range, rail-to-
rail inputs, and a very high toggle frequency of 1.5
GHz. These devices also have exceptional overdrive
dispersion performance of 450 ps. All of these
features come in industry-standard small packages,
making this device an excellent choice for LIDAR and
differential line receiver applications.
The LVDS output helps increase data throughput,
optimizes power consumption, and reduces EMI. It
can directly interface most prevailing FPGAs and
CPUs downstream in an application.
The TLV3604 is in a tiny 6 pin SC-70 package, which
makes it easier for space sensitive applications such
as an optical sensor module. The TLV3605 maintains
the same performance as the TLV3604, and also
offers adjustable hysteresis control, shutdown, and
latching features in a 12 pin QFN package.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TLV3604
SC70 (6)
1.25 mm × 2.00 mm
TLV3605(2)
QFN (12)
3.00 mm × 3.00 mm
1. For all orderable packages, see the orderable
addendum at the end of the datasheet.
2. For informational purposes only.
+
-
-
+
VCCI/VCCO
VREF2
OUT+
OUT-
TLV360x
OPA855
100O
RF
CF
VBIAS
VREF1
Figure 3-1. Optical Receiver Application
LVDS
VCCI
VEE
+
±
TLV3605
VCCO
SHDN
LVDS
VCCI/VCCO
V
EE
+
±
TLV3604
LE/HYS
Figure 3-2. Functional Block Diagram
www.ti.com
TLV3604
SNOSDA2A – AUGUST 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TLV3604
TLV3604
SNOSDA2A – AUGUST 2020 – REVISED AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TLV3604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3604 TI-TLV3604 Datasheet
1Mb / 27P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604 Datasheet
2Mb / 28P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI1-TLV3604 Datasheet
2Mb / 31P
TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
REVISED JULY 2023
TLV3604 TI-TLV3604 Datasheet
2Mb / 34P
TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
REVISED JULY 2023
TLV3604 TI2-TLV3604 Datasheet
2Mb / 35P
TLV3604, TLV3605, TLV3607 800ps High-Speed RRI Comparators with LVDS Outputs
REVISED JUNE 2024
More results

Similar Description - TLV3604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH7322 TI1-LMH7322_14 Datasheet
945Kb / 33P
Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 TI1-LMH7324_14 Datasheet
1,023Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604_V02 Datasheet
2Mb / 28P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801_V01 Datasheet
2Mb / 32P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
TLV3604 TI1-TLV3604_V03 Datasheet
2Mb / 31P
TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
REVISED JULY 2023
TLV3604 TI-TLV3604_V04 Datasheet
2Mb / 34P
TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com