Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV3604 Datasheet HTML 9Page - Texas Instruments TLV3604 Datasheet HTML 10Page - Texas Instruments TLV3604 Datasheet HTML 11Page - Texas Instruments TLV3604 Datasheet HTML 12Page - Texas Instruments TLV3604 Datasheet HTML 13Page - Texas Instruments TLV3604 Datasheet HTML 14Page - Texas Instruments TLV3604 Datasheet HTML 15Page - Texas Instruments TLV3604 Datasheet HTML 16Page - Texas Instruments TLV3604 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
10 Layout
10.1 Layout Guidelines
Comparators are very sensitive to input noise. For best results, adhere to the following layout guidelines.
1. Use a printed-circuit-board (PCB) with a good, unbroken, low-inductance ground plane. Proper grounding
(use of a ground plane) helps maintain specified device performance.
2. To minimize supply noise, place a decoupling capacitor (0.1-μF ceramic, surface-mount capacitor) as close
as possible to VCC.
3. On the inputs and the output, keep lead lengths as short as possible to avoid unwanted parasitic feedback
around the comparator. Keep inputs away from the output.
4. Solder the device directly to the PCB rather than using a socket.
5. For slow-moving input signals, take care to prevent parasitic feedback. A small capacitor (1000 pF or less)
placed between the inputs can help eliminate oscillations in the transition region. This capacitor causes some
degradation to propagation delay when impedance is low. The topside ground plane runs between the output
and inputs.
6. Use a 100 Ω termination resistor across the device's LVDS output.
7. Use higher performance substrate materials such as Rogers.
8. Below is the pcb signal layers from the TLV3604EVM as reference:
10.2 Layout Example
Figure 10-1 shows the 4 layer pcb signal routing for the TLV3604EVM as an example for how layout on this
device can be done.
TLV3604EVM Layout Example
www.ti.com
TLV3604
SNOSDA2A – AUGUST 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV3604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com