Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3604 Datasheet HTML 3Page - Texas Instruments TLV3604 Datasheet HTML 4Page - Texas Instruments TLV3604 Datasheet HTML 5Page - Texas Instruments TLV3604 Datasheet HTML 6Page - Texas Instruments TLV3604 Datasheet HTML 7Page - Texas Instruments TLV3604 Datasheet HTML 8Page - Texas Instruments TLV3604 Datasheet HTML 9Page - Texas Instruments TLV3604 Datasheet HTML 10Page - Texas Instruments TLV3604 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VCCI = VCCO = 2.5 to 5 V, VEE = 0 V, VCM = VEE + 300 mV, RLOAD = 100 Ω, CL = 1 pF probe capacitance, typical
at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fTOGGLE
Input toggle frequency
VIN = 200 mVPP Sine Wave, 50% Output
swing
1.5
GHz
TR
Toggle Rate
VIN = 200 mVPP Sine Wave, 50% Output
swing
3.0
Gbps
PulseWidth
Minimum allowed input pulse
width
VOVERDRIVE = VUNDERDRIVE = 50mV
PWOUT = 90% of PWIN
600
ps
Latching/Adjustable Hysteresis (TLV3605 only)
VHYST
Input hysteresis voltage
RHYST = Floating
0
mV
VHYST
Input hysteresis voltage
RHYST = 150 kΩ
30
mV
VHYST
Input hysteresis voltage
RHYST = 56 kΩ
60
mV
VIH_LE
LE pin input high level
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
1.5
V
VIL_LE
LE pin input low level
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
0.35
V
tSETUP
Latch setup time
–3
ns
tHOLD
Latch hold time
4.5
ns
tPL
Latch to Q and Q delay
4
ns
Shutdown Characteristics (TLV3605 only)
VIH_SD
SHDN pin input high level
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
1.5
V
VIL_SD
SHDN pin input low level
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
0.4
V
IIH_SD
SHDN pin input leakage
current
VCCI = VCCO = 2.5 V and 5 V
VSD = VCCO,
TA = –40℃ to +125℃
2
uA
ICCI_SD
Input stage quiescent current
in Shutdown mode
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
1.5
mA
ICCO_SD
Output stage quiescent
current in Shutdown mode
VCCI = VCCO = 2.5 V and 5 V
TA = –40℃ to +125℃
100
uA
tSLEEP
Sleep time from Active to
Shutdown mode
10% output swing
8
ns
tWAKEUP
Wake up time from
Shutdown mode
VOD = 50 mV, output valid
100
ns
www.ti.com
TLV3604
SNOSDA2A – AUGUST 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV3604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com