Electronic Components Datasheet Search
  English  ▼

X  

ASM2I99456 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM2I99456
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99456 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM2I99456 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
June 2005
ASM2I99456
rev 0.2
3.3V/2.5V LVCMOS Clock Fanout Buffer
3 of 14
Notice: The information in this document is subject to change without notice.
Table 1. Pin Configuration
Pin Number
Pin
I/O
Type
Function
3
4
PECL_CLK,
PECL_CLK
Input
LVPECL
Differential Clock reference
Low Voltage positive ECL input
5,6,7
FSELA, FSELB,
FSELC
Input
LVCMOS
Output bank divide select input
32
MR/OE
Input
LVCMOS
Internal reset and output tristate control
8,11,15,20,24,27,31
GND
Supply
Negative Voltage supply output bank (GND)
25,29
18,22
9,13, 17
VCCA,
VCCB
1,
VCCC
Supply
Positive Voltage supply for output banks
2
VCC
Supply
Positive Voltage supply core (VCC)
30,28,26
QA0 - QA2
Output
LVCMOS
Bank A Outputs
23,21,19
QB0 - QB2
Output
LVCMOS
Bank B Outputs
10,12,14,16
QC0 - QC3
Output
LVCMOS
Bank C Outputs
1
NC
-
-
No Connect
Note:1 VCCB is internally connected to VCC.
Table 2. Supported Single and Dual Supply Configurations
Supply voltage
configuration
VCC
1
VCCA
2
VCCB
3
VCCC
4
GND
3.3V
3.3V
3.3V
3.3V
3.3V
0V
Mixed voltage supply
3.3V
3.3V or 2.5V
3.3V
3.3V or 2.5V
0 V
2.5V
2.5V
2.5V
2.5V
2.5V
0 V
Note: 1 VCC is the positive power supply of the device core and input circuitry. VCC voltage defines the input threshold and levels
2 VCCA is the positive power supply of the bank A outputs. VCCA voltage defines bank A output levels
3 VCCB is the positive power supply of the bank B outputs. VCCB voltage defines bank B output levels. VCCB is internally connected to VCC.
4 VCCC is the positive power supply of the bank C outputs. VCCC voltage defines bank C output levels
Table 3. Function Table (Controls)
Control
Default
0
1
FSELA
0
fQA0:2 = fREF
fQA0:2 = fREF ÷2
FSELB
0
fQB0:2 = fREF
fQB0:2 = fREF ÷2
FSELC
0
fQC0:3 = fREF
fQC0:3 = fREF ÷2
MR/OE
0
Outputs enabled
Internal reset
Outputs disabled (tristate)
Table 4. Absolute Maximum Ratings
1
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
4.6
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-40
125
°C
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com