Electronic Components Datasheet Search
  English  ▼

X  

ASM2I99456 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM2I99456
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99456 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM2I99456 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
June 2005
ASM2I99456
rev 0.2
3.3V/2.5V LVCMOS Clock Fanout Buffer
4 of 14
Notice: The information in this document is subject to change without notice.
Table 5. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC ÷2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch–Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Table 6. DC Characteristics (VCC = VCCA = VCCB = VCCC = 3.3V ± 5%, T
A = –40 to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
-0.3
0.8
V
LVCMOS
VPP
Peak-to-peak input voltage
PCLK
250
mV
LVPECL
VCMR
1
Common Mode Range
PCLK
1.1
VCC-0.6
V
LVPECL
IIN
Input current
2
200
µA
VIN=GND or
VIN=VCC
VOH
Output High Voltage
2.4
V
IOH=-24 mA
3
VOL
Output Low Voltage
0.55
0.30
V
V
IOL= 24mA
2
IOL= 12mA
ZOUT
Output impedance
14 - 17
Ω
ICCQ
4
Maximum Quiescent Supply Current
2.0
mA
All VCC Pins
Note: 1 VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range and the input
swing lies within the VPP (DC) specification.
2 Input pull-up / pull-down resistors influence input current.
3 The ASM2I99456 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated transmission line to
a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines.
4 ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com