Electronic Components Datasheet Search
  English  ▼

X  

ASM2I99456 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM2I99456
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99456 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM2I99456 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
June 2005
ASM2I99456
rev 0.2
3.3V/2.5V LVCMOS Clock Fanout Buffer
5 of 14
Notice: The information in this document is subject to change without notice.
Table 7. AC Characteristics (VCC = VCCA = VCCB = VCCC = 3.3V ± 5%, T
A = –40 to +85°C)
1
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
250
2
MHz
MHz
FSELx=0
fMAX
Maximum Output
Frequency
÷1 output
÷2 output
0
0
250
2
125
MHz
FSELx=1
VPP
Peak-to-peak input voltage
PCLK
500
1000
mV
LVPECL
VCMR
3
Common Mode Range
PCLK
1.3
VCC-0.8
V
LVPECL
tP, REF
Reference Input Pulse Width
1.4
nS
tr, tf
PCLK Input Rise/Fall Time
1.0
4
nS
0.8 to 2.0V
tPLH
nS
tPHL
Propagation delay
CCLK to any Q
CCLK to any Q
2.2
2.2
2.8
2.8
4.45
4.2
nS
tPLZ, HZ
Output Disable Time
10
nS
tPZL, LZ
Output Enable Time
10
nS
tsk(O)
Output-to-output Skew
Within one bank
Any output bank, same output divider
Any output, Any output divider
150
200
350
pS
pS
pS
tsk(PP)
Device-to-device Skew
2.25
nS
tSK(P)
Output pulse skew
5
200
pS
DCQ
Output Duty Cycle
÷1 output
÷2 output
47
45
50
50
53
55
%
%
DCREF = 50%
DCREF = 25%-75%
tr, tf
Output Rise/Fall Time
0.1
1.0
nS
0.55 to 2.4V
Note: 1 AC characteristics apply for parallel output termination of 50Ω to VTT.
2 The ASM2I99456 is functional up to an input and output clock frequency of 350MHz and is characterized up to 250 MHz.
3 VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range and the input
swing lies within the VPP (AC) specification.
4 Violation of the 1.0nS maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input pulse width,
output duty cycle and maximum frequency specifications.
5 Output pulse skew is the absolute difference of the propagation delay times: | tPLH - tPHL |.
Table 8. DC Characteristics (VCC = VCCA = VCCB = VCCC = 2.5V ± 5%, T
A = –40 to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
-0.3
0.7
V
LVCMOS
VPP
Peak-to-peak Input voltage
PCLK
250
mV
LVPECL
VCMR
1
Common Mode Range
PCLK
1.1
VCC-0.7
V
LVPECL
VOH
Output High Voltage
1.8
V
IOH=-24 mA
2
VOL
Output Low Voltage
0.6
V
IOL= 15 mA
ZOUT
Output impedance
17 - 20
2
Ω
IIN
Input current
3
±200
µA
VIN=GND or VIN=VCC
ICCQ
4
Maximum Quiescent Supply Current
2.0
mA
All VCC Pins
Note:1 VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range and the input
swing lies within the VPP (DC) specification.
2 The ASM2I99456 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines.
3 Input pull-up / pull-down resistors influence input current.
4 ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com