Electronic Components Datasheet Search
  English  ▼

X  

ASM2I99456 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM2I99456
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99456 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM2I99456 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
June 2005
ASM2I99456
rev 0.2
3.3V/2.5V LVCMOS Clock Fanout Buffer
8 of 14
Notice: The information in this document is subject to change without notice.
VCC
VCC ÷2
GND
DC (tP ÷T0 Χ 100%)
tP
T0
The time from the output controlled edge to the
non-controlled edge, divided by the time output
controlled edge, expressed as a percentage.
tR
VCC = 3.3V VCC = 2.5V
2.4
1.8V
0.55
0.6V
tF
Figure 5. Output Transition Time Test Reference
PCLK
PCLK
QX
VPP
VCMR
VCC
VCC ÷2
GND
tP(LH)
tP(HL)
Figure 6. Propagation Delay (tPD) Test Reference
Figure 7. Output Duty Cycle (DC)
tSK(LH)
tSK(HL)
VOH
VCC ÷2
GND
VCC
VCC ÷2
GND
The pin-to-pin skew is defined as the worst case
difference in propagation delay between any similar
delay path within a single device
Figure 8. Output-to- Output Skew tSK(O)
tR
VCC = 3.3V VCC = 2.5V
2.4
1.8V
0.55
0.6V
tF
Figure 9. Output Transition Time Test Reference
Differential
Pulse Generator
Z=50
Ω
Z0=50Ω
RT=50Ω
VCC – 2V
VTT
RT=50Ω
Figure 4. PCLK ASM2I99456 AC Test Reference for VCC = 3.3V and VCC = 2.5V
Z0=50Ω
ASM2I99456 DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com