Electronic Components Datasheet Search
  English  ▼

X  

ASM2I99456 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM2I99456
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99456 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM2I99456 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM2I99456 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
June 2005
ASM2I99456
rev 0.2
3.3V/2.5V LVCMOS Clock Fanout Buffer
7 of 14
Notice: The information in this document is subject to change without notice.
Applications Information
Driving Transmission Lines
The ASM2I99456 clock driver was designed to drive high
speed signals in a terminated transmission line
environment. To provide the optimum flexibility to the
user the output drivers were designed to exhibit the
lowest impedance possible. With an output impedance of
less than 20
Ω the drivers can drive either parallel or
series terminated transmission lines. In most high
performance clock networks point-to-point distribution of
signals is the method of choice. In a point-to-point
scheme either series terminated or parallel terminated
transmission lines can be used. The parallel technique
terminates the signal at the end of the line with a
50
Ω resistance to VCC÷2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the ASM2I99456 clock driver. For the series
terminated case however there is no DC current draw,
thus the outputs can drive multiple series terminated
lines. Figure 1. “Single versus Dual Transmission Lines”
illustrates an output driving a single series terminated line
versus two series terminated lines in parallel. When taken
to its extreme the fanout of the ASM2I99456 clock driver
is effectively doubled due to its capability to drive multiple
lines.
Figure 1. Single versus Dual Transmission Lines
The waveform plots in Figure 2. “Single versus Dual Line
Termination Waveforms” show the simulation results of
an output driving a single line versus two lines. In both
cases the drive capability of the ASM2I99456 output
buffer is more than sufficient to drive 50
Ω transmission
lines on the incident edge. Note from the delay
measurements in the simulations a delta of only 43pS
exists between the two differently loaded outputs. This
suggests that the dual line driving need not be used
exclusively to maintain the tight output-to-output skew of
the ASM2I99456. The output waveform in Figure 2.
“Single versus Dual Line Termination Waveforms” shows
a step in the waveform, this step is caused by the
impedance mismatch seen looking into the driver. The
parallel combination of the 36
Ω series resistor plus the
output
impedance
does
not
match
the
parallel
combination of the line impedances. The voltage wave
launched down the two lines will equal:
VL = VS ( Z0 ÷ (RS+R0 +Z0))
Z0 = 50Ω || 50Ω
RS = 36Ω || 36Ω
R0 = 14Ω
VL = 3.0 ( 25 ÷ (18+14+25)
= 1.31V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.5V. It will then increment
towards the quiescent 3.0V in steps separated by one
round trip delay (in this case 4.0nS).
Figure 2. Single versus Dual Waveforms
Since this step is well above the threshold region it will
not cause any false clock triggering, however designers
may be uncomfortable with unwanted reflections on the
line. To better match the impedances when driving
multiple lines the situation in Figure 3. “Optimized Dual
Line Termination” should be used. In this case the series
terminating resistors are reduced such that when the
parallel combination is added to the output buffer
impedance the line impedance is perfectly matched.
14
Ω + 22Ω || 22Ω = 50Ω || 50Ω
25
Ω = 25Ω
Figure 3. Optimized Dual Line Termination
ASM2I99456
OUTPUT BUFFER
14Ω
Z0=50Ω
RS=22Ω
Z0=50Ω
RS=22Ω
ASM2I99456
OUTPUT BUFFER
14Ω
Z0=50Ω
RS=36Ω
ASM2I99456
OUTPUT BUFFER
14Ω
Z0=50Ω
RS=36Ω
Z0=50Ω
RS=36Ω
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
TIME (nS)
In
OutA
tD = 3.8956
OutB
tD = 3.9386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com