Electronic Components Datasheet Search
  English  ▼

X  

MPC5675K Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC5675K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675K Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC5675K Datasheet HTML 1Page - NXP Semiconductors MPC5675K Datasheet HTML 2Page - NXP Semiconductors MPC5675K Datasheet HTML 3Page - NXP Semiconductors MPC5675K Datasheet HTML 4Page - NXP Semiconductors MPC5675K Datasheet HTML 5Page - NXP Semiconductors MPC5675K Datasheet HTML 6Page - NXP Semiconductors MPC5675K Datasheet HTML 7Page - NXP Semiconductors MPC5675K Datasheet HTML 8Page - NXP Semiconductors MPC5675K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Introduction
NXP Semiconductors
2
1.3
Device comparison
Table 1. MPC5675K family device comparison
Features
MPC5673K
MPC5674K
MPC5675K
CPU
Type
2 × e200z7d (SoR1) in lock-step or decoupled operation
Architecture
Harvard
Execution speed
0–150 MHz (+2% FM)
0–180 MHz (+2% FM)
0–180 MHz (+2% FM)
Nominal platform
frequency (in 1:1, 1:2,
and 1:3 modes)
0–75 MHz (+2% FM)
0–90 MHz (+2% FM)
0–90 MHz (+2% FM)
MMU
64 entries (SoR)
Instruction set PPC
Yes
Instruction set VLE
Yes
Instruction cache
16 KB, 4-way with EDC (SoR)
Data cache
16 KB, 4-way with Parity (SoR)
MPU
Yes (SoR)
Buses
Core bus
32-bit address, 64-bit data
Internal periphery bus
32-bit address, 32-bit data
XBAR
Master
× slave ports
Yes (SoR)
Memory
Static RAM (SRAM)
256 KB (ECC)
384 KB (ECC)
512 KB (ECC)
Code flash memory
1 MB2 (ECC)
1.5 MB2 (ECC)
2 MB2 (ECC)
Data flash memory
64 KB2 (ECC)
Modules
Analog-to-Digital
Converter (ADC)
257 pin pkg: 4 × 12 bit (22 external channels)
473 pin pkg: 4 × 12 bit (up to 34 external channels)
CRC unit
2 (3 contexts each)
Cross Triggering Unit
(CTU)
2 modules
Deserial Serial
Peripheral Interface
(DSPI)
2 modules
(3 chip selects)3
3 modules4
Digital I/Os
≥ 16
DRAM Controller
(DRAMC)
No
Yes5
Enhanced Direct
Memory Access (eDMA)
2 modules, 32 channels each
eTimer
3 modules, 6 channels each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com