Electronic Components Datasheet Search
  English  ▼

X  

MPC5675K Datasheet(PDF) 96 Page - NXP Semiconductors

Part # MPC5675K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675K Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button MPC5675K Datasheet HTML 92Page - NXP Semiconductors MPC5675K Datasheet HTML 93Page - NXP Semiconductors MPC5675K Datasheet HTML 94Page - NXP Semiconductors MPC5675K Datasheet HTML 95Page - NXP Semiconductors MPC5675K Datasheet HTML 96Page - NXP Semiconductors MPC5675K Datasheet HTML 97Page - NXP Semiconductors MPC5675K Datasheet HTML 98Page - NXP Semiconductors MPC5675K Datasheet HTML 99Page - NXP Semiconductors MPC5675K Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
NXP Semiconductors
96
3.19.3
DRAM pads electrical specification (VDD_HV_DRAM = 1.8 V)
Table 49. Output drive current @ VDDE = 2.5 V (±200 mV)
Pad Name
Drive Mode
Minimum IOH (mA)
1
1 I
OH is defined as the current sourced by the pad to drive the output to VOH.
Minimum IOL (mA)
2
2 I
OL is defined as the current sunk by the pad to drive the output to VOL.
DRAM ACC
011
–16.2
16.2
DRAM DQ
011
DRAM CLK
011
Table 50. DRAM pads AC electrical specifications (VDD_HV_DRAM = 2.5 V)
No.
Pad Name
Prop. Delay (ns)
L
→ H/H → L1
1
L
→ H signifies low-to-high propagation delay and H → L signifies high-to-low propagation delay.
Rise/Fall Edge (ns)
Drive
Load
(pF)
Drive/Slew
Rate Select
Min
Max
Min
Max
MSB, LSB
1
DRAM ACC
1.4/1.5
2.5/2.4
2.1/2.1
4.3/4.1
5
011
1.7/1.7
2.8/2.7
0.6/0.7
1.1/1.3
20
2
DRAM DQ
1.4/1.5
2.5/2.4
2.1/2.1
4.3/4.1
5
011
1.7/1.7
2.8/2.7
0.6/0.7
1.1/1.3
20
3
DRAM CLK
1.4/1.4
2.4/2.4
2.1/2.1
4.4/4.1
5
011
1.6/1.6
2.7/2.7
0.6/0.7
1.6/1.8
20
Table 51. DRAM pads DC electrical specifications (VDD_HV_DRAM = 1.8 V)
No.
Symbol
Parameter
Condition
Min
Max
Unit
1VDD_HV_DRAM
SR I/O supply voltage
—
1.62
1.9
V
2VDD_HV_DRAM_VREF CC Input reference voltage
—
0.49 × VDD_HV_DRAM 0.51 × VDD_HV_DRAM
V
3VDD_HV_DRAM_VTT CC Termination voltage
1
1 BGA473: Termination voltage can be supplied via package pins. BGA257 Termination voltage internally tied as the
BGA257 does not provide DRAM interface. Disable ODT.
—VDD_HV_DRAM_VREF
–0.04
VDD_HV_DRAM_VREF
+0.04
V
4VIH
CC Input high voltage
—
VDD_HV_DRAM_VREF
+ 0.125
—
V
5VIL
CC Input low voltage
—
—
VDD_HV_DRAM_VREF
–0.125
V
6VOH
CC Output high voltage
—
1.42
—
V
7VOL
CC Output low voltage
—
—
0.28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com