Electronic Components Datasheet Search
  English  ▼

X  

MPC5675K Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MPC5675K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675K Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MPC5675K Datasheet HTML 72Page - NXP Semiconductors MPC5675K Datasheet HTML 73Page - NXP Semiconductors MPC5675K Datasheet HTML 74Page - NXP Semiconductors MPC5675K Datasheet HTML 75Page - NXP Semiconductors MPC5675K Datasheet HTML 76Page - NXP Semiconductors MPC5675K Datasheet HTML 77Page - NXP Semiconductors MPC5675K Datasheet HTML 78Page - NXP Semiconductors MPC5675K Datasheet HTML 79Page - NXP Semiconductors MPC5675K Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
NXP Semiconductors
76
Figure 7. PMU mandatory external components
3.9
Supply current characteristics
Table 18. VRC SMPS recommended external devices
Reference
designator
Part description
Part type
Nominal
Description
Ca
—
capacitor 20 µF, 20 V
Filter capacitor
Cb
—
capacitor 0.1 µF, 20 V
Filter capacitor
Cd
—
capacitor 20 µF, 20 V
Supply decoupling cap, ESR < 50 m
Ω,
as close to PMOS source as possible
Ce
—
capacitor 0.1 µF, 16 V
Ceramic
Cl
—
capacitor 20 µF, 16 V
Buck capacitor, total ESR < 100 m
Ω,
as close to the coil as possible
D
SS8P3L
Schottky
—
Vishay low Vf Schottky diode
L
—
inductor
4 µH, 1.5 A
Buck shielded coil low ESR
Q
FDC642P or
SQ2301ES or
SI3443DV
pMOS
2 A, 10 V
Low threshold PMOS Vth < 1.5 V,
Rdson@4.5 V < 120 mΩ, Qg <16nC
R
—
resistor
50–100 k
Ω
Pullup for power PMOS gate
Table 19. Current consumption characteristics1
No.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1IDD_LV
CC Maximum run
IDD
(incl. digital core logic
and analog block of
the LV rail)
VDD_LV = 1.36 V, fCore = 180 MHz, 1:2
mode, DPM, both cores executing EMC test
code, internal VREG mode, all caches
enabled, code execution of core 0 from
code flash 0, code execution of core 1 from
code flash 1, FMPLL_1 active at 120 MHz.
—
600
900
mA
2IDD_LV_PLL
CC Maximum run
IDD for
each PLL2
VDD_LV_PLL = 1.36 V, fVCO running at
maximum frequency.
—1.5
2
mA
VDD_HV_PMU
VSS_HV_PMU
VREG_CTRL
VDD_LV_COR
VSS_LV_COR
Ca
Cb
Cd
Ce
Cl
L
R
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com