Electronic Components Datasheet Search
  English  ▼

X  

MPC5675K Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC5675K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675K Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC5675K Datasheet HTML 1Page - NXP Semiconductors MPC5675K Datasheet HTML 2Page - NXP Semiconductors MPC5675K Datasheet HTML 3Page - NXP Semiconductors MPC5675K Datasheet HTML 4Page - NXP Semiconductors MPC5675K Datasheet HTML 5Page - NXP Semiconductors MPC5675K Datasheet HTML 6Page - NXP Semiconductors MPC5675K Datasheet HTML 7Page - NXP Semiconductors MPC5675K Datasheet HTML 8Page - NXP Semiconductors MPC5675K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 147 page
background image
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
257 MAPBGA
(14 x 14 mm)
473 MAPBGA
(19 x 19 mm)
NXP Semiconductors
Data Sheet: Technical Data
Document Number: MPC5675K
Rev. 8.1, 04/2020
MPC5675K
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.
1
Introduction
1.1
Document overview
This document provides electrical specifications, pin
assignments, and package diagrams for the MPC5675K series
of microcontroller units (MCUs).
1.2
Description
The MPC5675K microcontroller, a SafeAssure solution, is a
32-bit embedded controller designed for advanced driver
assistance systems with RADAR, CMOS imaging, LIDAR
and ultrasonic sensors, and multiple 3-phase motor control
applications as in hybrid electric vehicles (HEV) in
automotive and high temperature industrial applications.
A member of NXP Semiconductor’s MPC5500/5600 family,
it contains the Book E compliant Power Architecture
technology core with Variable Length Encoding (VLE). This
core complies with the Power Architecture embedded
category, and is 100 percent user mode compatible with the
original Power PC
™ user instruction set architecture (UISA).
It offers system performance up to four times that of its
MPC5561 predecessor, while bringing you the reliability and
familiarity of the proven Power Architecture technology.
A comprehensive suite of hardware and software
development tools is available to help simplify and speed
system design. Development support is available from
leading tools vendors providing compilers, debuggers and
simulation development environments.
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Document overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.2
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.4
Block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.5
Feature list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
1.6
Feature details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2
Package pinouts and signal descriptions . . . . . . . . . . . . . . . . 17
2.1
Package pinouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2.2
Pin descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
3
Electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
3.1
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
3.2
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . 69
3.3
Recommended operating conditions . . . . . . . . . . . . . . 70
3.4
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 72
3.5
Electromagnetic interference (EMI) characteristics . . . 73
3.6
Electrostatic discharge (ESD) characteristics. . . . . . . . 74
3.7
Static latch-up (LU). . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
3.8
Power
Management
Controller
(PMC)
electrical
characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
3.9
Supply current characteristics . . . . . . . . . . . . . . . . . . . 76
3.10 Temperature sensor electrical characteristics . . . . . . . 77
3.11 Main oscillator electrical characteristics . . . . . . . . . . . . 77
3.12 FMPLL electrical characteristics. . . . . . . . . . . . . . . . . . 78
3.13 16 MHz RC oscillator electrical characteristics . . . . . . 79
3.14 ADC electrical characteristics. . . . . . . . . . . . . . . . . . . . 80
3.15 Flash memory electrical characteristics . . . . . . . . . . . . 85
3.16 SRAM memory electrical characteristics . . . . . . . . . . . 87
3.17 GP pads specifications . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.18 PDI pads specifications . . . . . . . . . . . . . . . . . . . . . . . . 90
3.19 DRAM pad specifications . . . . . . . . . . . . . . . . . . . . . . . 93
3.20 RESET characteristics . . . . . . . . . . . . . . . . . . . . . . . . 100
3.21 Reset sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
3.22 Peripheral timing characteristics. . . . . . . . . . . . . . . . . 107
4
Package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 131
4.1
Package mechanical data. . . . . . . . . . . . . . . . . . . . . . 131
5
Orderable parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
6
Reference documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
7
Document revision historys . . . . . . . . . . . . . . . . . . . . . . . . . 137
MPC5675K Microcontroller
Data Sheet


Similar Part No. - MPC5675K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5675K FREESCALE-MPC5675K Datasheet
805Kb / 140P
Microcontroller is a 32-bit embedded controller designed for advanced
logo
NXP Semiconductors
MPC5675K NXP-MPC5675K Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 9, 12/2021
MPC5675KFF0MJM1R NXP-MPC5675KFF0MJM1R Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 9, 12/2021
MPC5675KFF0MJM2R NXP-MPC5675KFF0MJM2R Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 9, 12/2021
MPC5675KFF0MMS1R NXP-MPC5675KFF0MMS1R Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 9, 12/2021
More results

Similar Description - MPC5675K

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
logo
NXP Semiconductors
MPC5675K NXP-MPC5675K_V01 Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 9, 12/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com