Electronic Components Datasheet Search
  English  ▼

X  

MPC5675K Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MPC5675K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675K Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MPC5675K Datasheet HTML 93Page - NXP Semiconductors MPC5675K Datasheet HTML 94Page - NXP Semiconductors MPC5675K Datasheet HTML 95Page - NXP Semiconductors MPC5675K Datasheet HTML 96Page - NXP Semiconductors MPC5675K Datasheet HTML 97Page - NXP Semiconductors MPC5675K Datasheet HTML 98Page - NXP Semiconductors MPC5675K Datasheet HTML 99Page - NXP Semiconductors MPC5675K Datasheet HTML 100Page - NXP Semiconductors MPC5675K Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 8.1
NXP Semiconductors
97
Table 52. Output drive current @ VDDE = 1.8 V (±100 mV)
No.
Pad Name
Drive Mode
Minimum IOH (mA)
1
1 I
OH is defined as the current sourced by the pad to drive the output to VOH.
Minimum IOL (mA)
2
2 I
OL is defined as the current sunk by the pad to drive the output to VOL.
1
DRAM ACC
000
–3.57
3.57
001
–7.84
7.84
010
–5.36
5.36
110
–13.4
13.4
2
DRAM DQ
000
–3.57
3.57
001
–7.84
7.84
010
–5.36
5.36
110
–13.4
13.4
3
DRAM CLK
000
–3.57
3.57
001
–7.84
7.84
010
–5.36
5.36
110
–13.4
13.4
Table 53. DRAM pads AC electrical specifications (VDD_HV_DRAM = 1.8 V)
No.
Pad Name
Prop. Delay (ns)
L
→ H/H → L1
Rise/Fall Edge
(ns)
Drive Load
(pF)
Drive/Slew
Rate Select
Min
Max
Min
Max
MSB, LSB
1
DRAM ACC
1.4/1.4
2.4/2.4
0.6/1.0
2.7/2.6
5
000
1.7/1.7
2.8/2.7
0.2/0.4
0.5/0.6
20
1.4/1.5
2.4/2.5
1.1/1.1
3.0/2.7
5
001
1.7/1.7
2.8/2.8
0.4/0.4
0.7/0.7
20
1.4/1.5
2.4/2.4
1.0/1.1
2.9/2.7
5
010
1.7/1.7
2.8/2.7
0.3/0.4
0.6/0.7
20
1.4/1.5
2.5/2.5
1.5/1.1
3.1/2.6
5
110
1.7/1.8
2.8/2.8
0.4/0.4
0.7/0.6
20
2
DRAM DQ
1.4/1.4
2.4/2.4
0.6/1.0
2.7/2.6
5
000
1.7/1.7
2.8/2.7
0.2/0.4
0.5/0.6
20
1.4/1.5
2.4/2.5
1.1/1.1
3.0/2.7
5
001
1.7/1.7
2.8/2.8
0.4/0.4
0.7/0.7
20
1.4/1.5
2.4/2.4
1.0/1.1
2.9/2.7
5
010
1.7/1.7
2.8/2.7
0.3/0.4
0.6/0.7
20
1.4/1.5
2.5/2.5
1.5/1.1
3.1/2.6
5
110
1.7/1.8
2.8/2.8
0.4/0.4
0.7/0.6
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com