Electronic Components Datasheet Search
  English  ▼

X  

PMS133 Datasheet(PDF) 39 Page - PADAUK Technology.

Part # PMS133
Description  8bit OTP MCU with 12-bit ADC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS133 Datasheet(HTML) 39 Page - PADAUK Technology.

Back Button PMS133 Datasheet HTML 35Page - PADAUK Technology. PMS133 Datasheet HTML 36Page - PADAUK Technology. PMS133 Datasheet HTML 37Page - PADAUK Technology. PMS133 Datasheet HTML 38Page - PADAUK Technology. PMS133 Datasheet HTML 39Page - PADAUK Technology. PMS133 Datasheet HTML 40Page - PADAUK Technology. PMS133 Datasheet HTML 41Page - PADAUK Technology. PMS133 Datasheet HTML 42Page - PADAUK Technology. PMS133 Datasheet HTML 43Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
PMS133/PMS134
8bit OTP MCU with 12-bit ADC
©Copyright 2018, PADAUK Technology Co. Ltd
Page 39 of 106
PDK-DS-PMS133/134-EN_V103 – Nov. 13, 2018
the capacitors and start-up time may be slightly different for different type of crystal or resonator, please refer to
its specification for proper values of C1 and C2.
Frequency
C1
C2
Measured
Start-up time
Conditions
4MHz
4.7pF
4.7pF
6ms
(eoscr[6:5]=11, misc.6=0)
1MHz
10pF
10pF
11ms
(eoscr[6:5]=10, misc.6=0)
32KHz
22pF
22pF
450ms
(eoscr[6:5]=01, misc.6=0)
Table 4: Recommend values of C1 and C2 for crystal and resonator oscillators
When using the crystal oscillator, user must pay attention to the stable time of oscillator after enabling it, the
stable time of oscillator will depend on frequency “crystal type” external capacitor and supply voltage. Before
switching the system to the crystal oscillator, user must make sure the oscillator is stable; the reference
program is shown as below:
void
FPPA0 (void)
{
. ADJUST_IC
SYSCLK=IHRC/16, IHRC=16MHz, VDD=5V
$
EOSCR
Enable, 4MHz;
// EOSCR = 0b110_00000;
$
T16M EOSC, /1, BIT13;
// T16 receive 2^14=16384 clocks of crystal EOSC,
// Intrq.T16 =>1, crystal EOSC Is stable
WORD
count =
0;
stt16 count;
Intrq.T16
=
0;
do
{
nop; }while(!Intrq.T16);
// count from 0x0000 to 0x2000, then set INTRQ.T16
clkmd =
0xB4;
// switch system clock to EOSC;
Clkmd.4 = 0;
//disable IHRC
...
Please notice that the crystal oscillator should be fully turned off before entering the power-down mode, in
order to avoid unexpected wakeup event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com