Electronic Components Datasheet Search
  English  ▼

X  

PMS133 Datasheet(PDF) 60 Page - PADAUK Technology.

Part # PMS133
Description  8bit OTP MCU with 12-bit ADC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS133 Datasheet(HTML) 60 Page - PADAUK Technology.

Back Button PMS133 Datasheet HTML 56Page - PADAUK Technology. PMS133 Datasheet HTML 57Page - PADAUK Technology. PMS133 Datasheet HTML 58Page - PADAUK Technology. PMS133 Datasheet HTML 59Page - PADAUK Technology. PMS133 Datasheet HTML 60Page - PADAUK Technology. PMS133 Datasheet HTML 61Page - PADAUK Technology. PMS133 Datasheet HTML 62Page - PADAUK Technology. PMS133 Datasheet HTML 63Page - PADAUK Technology. PMS133 Datasheet HTML 64Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
PMS133/PMS134
8bit OTP MCU with 12-bit ADC
©Copyright 2018, PADAUK Technology Co. Ltd
Page 60 of 106
PDK-DS-PMS133/134-EN_V103 – Nov. 13, 2018
void
Interrupt
(void)
// interrupt service routine
{
PUSHAF
// store ALU and FLAG register
// If INTEN.PA0 will be opened and closed dynamically,
// user can judge whether INTEN.PA0 =1 or not.
// Example:
If (INTEN.PA0 && INTRQ.PA0)
{…}
// If INTEN.PA0 is always enable,
// user can omit the INTEN.PA0 judgement to speed up interrupt service routine.
If (INTRQ.PA0)
{
// Here for PA0 interrupt service routine
INTRQ.PA0 = 0;
// Delete corresponding bit (take PA0 for example)
...
}
...
// X : INTRQ = 0;
// It is not recommended to use INTRQ = 0 to clear all at the end of the
// interrupt service routine.
// It may accidentally clear out the interrupts that have just occurred
// and are not yet processed.
POPAF
// restore ALU and FLAG register
}
5.12 Power-Save and Power-Down
There are three operational modes defined by hardware: ON mode, Power-Save mode and Power-Down
modes. ON mode is the state of normal operation with all functions ON, Power-Save mode (“stopexe”) is the
state to reduce operating current and CPU keeps ready to continue, Power-Down mode (“stopsys”) is used to
save power deeply. Therefore, Power-Save mode is used in the system which needs low operating power with
wake-up occasionally and Power-Down mode is used in the system which needs power down deeply with
seldom wake-up. Table 5 shows the differences in oscillator modules between Power-Save mode (“stopexe”)
and Power-Down mode (“stopsys”).
Differences in oscillator modules between STOPSYS and STOPEXE
IHRC
ILRC
EOSC
STOPSYS
Stop
Stop
Stop
STOPEXE
No Change
No Change
No Change
Table 5: Differences in oscillator modules between STOPSYS and STOPEXE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com