Electronic Components Datasheet Search
  English  ▼

X  

PMS133 Datasheet(PDF) 8 Page - PADAUK Technology.

Part # PMS133
Description  8bit OTP MCU with 12-bit ADC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS133 Datasheet(HTML) 8 Page - PADAUK Technology.

Back Button PMS133 Datasheet HTML 4Page - PADAUK Technology. PMS133 Datasheet HTML 5Page - PADAUK Technology. PMS133 Datasheet HTML 6Page - PADAUK Technology. PMS133 Datasheet HTML 7Page - PADAUK Technology. PMS133 Datasheet HTML 8Page - PADAUK Technology. PMS133 Datasheet HTML 9Page - PADAUK Technology. PMS133 Datasheet HTML 10Page - PADAUK Technology. PMS133 Datasheet HTML 11Page - PADAUK Technology. PMS133 Datasheet HTML 12Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
PMS133/PMS134
8bit OTP MCU with 12-bit ADC
©Copyright 2018, PADAUK Technology Co. Ltd
Page 8 of 106
PDK-DS-PMS133/134-EN_V103 – Nov. 13, 2018
Revision History:
Revision
Date
Description
0.01
2017/09/11
1
st version
0.02
2017/09/30
1.
Amend Section 1.2 System Features
2.
Amend Chapter 2 General Description and Block Diagram
3.
Amend Chapter 3 Pin Assignment and Description
4.
Amend Section 4.1 AC/DC Device Characteristics
5.
Amend Section 5.1 Program Memory – OTP
6.
Amend Section 5.4.3 IHRC Frequency Calibration and System Clock
7.
Amend Section 5.4.4 External Crystal Oscillator
8.
Amend Section 5.5.2 Using the comparator
9.
Add Section 5.6 VDD/2 LCD Bias Voltage Generator
10. Add Fig.9 Using VDD/2 LCD Bias Voltage Generator
11. Amend Section 5.7 16-bit Timer
12. Amend Section 5.8.2 Using the Timer2 to generate 8-bit PWM waveform
13. Amend Section 5.9 11-bit PWM Generator
14. Amend Section 5.12.1 Power-Save mode (“stopexe”)
15. Amend Fig.18 Hardware diagram of IO buffer
16. Amend Fig.19 ADC Block Diagram
17. Amend Section 5.15.4 Configure the analog pins
18. Amend Section 5.15.5 Using the ADC
19. Amend Section 6.3 Clock Mode Register
20. Amend Section 6.4 Interrupt Enable Register
21. Amend Section 6.5 Interrupt Request Register
22. Amend Section 6.10 Interrupt Edge Select Register
23. Amend Section 6.11 Port A Digital Input Enable Register
24. Amend Section 6.12 Port B Digital Input Enable Register
25. Amend Section 6.13 Port C Digital Input Enable Register
26. Amend Section 6.23
ADC Control Register
27. Amend Section 6.25 ADC Regulator Control Register
28. Amend Section 6.28 MISC Register
29. Delete Section 6.29 MISC2 Register
30. Amend Section 6.31 Timer2 Control Register
31. Amend Section 6.33 Timer2 Scalar Register
32. Amend Section 6.37 Timer3 Scalar Register
33. Amend Section 6.39 PWMG0 control Register
34. Amend Section 6.45 PWMG1 control Register
35. Amend Section 6.51 PWMG2 control Register
36. Amend Chapter 8 Code Options
37. Amend Section 9.2.1 IO pin usage and setting
38. Amend Section 9.2.2 Interrupt
39. Amend Section 9.2.7 LVR
40. Amend Section 9.2.9 RAM definition
41. Amend Section 9.3 Using ICE
1.03
2018/11/13
1.
Updated company address & Tel No.
2.
Amend Section 1.1 Special Features
3.
Amend Section 1.2: System Features
4.
Amend Section 1.3: CPU Features
5.
Amend Chapter 2: Block Diagram
6.
Add AVDD, AGND and PA5 Pull-up resistor in Chapter 3
7.
Amend Section 4.1: AC/DC Device Characteristics
8.
Amend Section 4.3 to Section 4.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com