Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FS6500
Description  Safety Power System Basis Chip with CAN FD and LIN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 5 Page - NXP Semiconductors

  FS6500 Datasheet HTML 1Page - NXP Semiconductors FS6500 Datasheet HTML 2Page - NXP Semiconductors FS6500 Datasheet HTML 3Page - NXP Semiconductors FS6500 Datasheet HTML 4Page - NXP Semiconductors FS6500 Datasheet HTML 5Page - NXP Semiconductors FS6500 Datasheet HTML 6Page - NXP Semiconductors FS6500 Datasheet HTML 7Page - NXP Semiconductors FS6500 Datasheet HTML 8Page - NXP Semiconductors FS6500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NXP Semiconductors
FS6500, FS4500
Safety Power System Basis Chip with CAN FD and LIN Transceivers
FS6500-FS4500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 14 December 2017
5 / 20
6 Block diagram
VCCA_E
VCCA_B
VCCA
VAUX_B
VAUX_E
VAUX
CAN-5V
MOSI
MISO
SCLK
NCS
RXD
TXD
CANH
CANL
VDDIO
SELECT
MUX_OUT
INTB
RSTB
FS0B
DEBUG
GNDA
IO_0
FCRBM
IO_2
IO_3
IO_4
VPRE SMPS
VCORE SMPS
VCCA Linear Regulator
VAUX Linear Regulator
Voltage Regulator
SUPERVISOR
(Over & undervoltage
)
VCAN
Linear Regulator
I/Os
Interface
MUX
Interface
Fail-safe Machine
Analog Reference #2
FS
Power Management
State Machine
V2p5d
Main
V2p5d
FS
5
OSC
Main
OSC
FS
CAN-5V
VPRE
VAUX VCCA FB_CORE
IO_0
VSENSE
TSD
TSD
TSD
TSD
VSUP_MON
CAN/LIN diag
Charge Pump
VREF
(2.5 V)
Die
Temp
Analog
Reference #1
GND_COM
SPI
Main
SPI
FS
TSD
5
VSUP3
VPRE
VPRE
VPRE
VPRE
VPRE
VPRE
CAN-5V
VSUP3
VSENSE_MON
Select
Select
Debug
Debug
VPRE
MISO FS
Fail-safe logic & supply
RXDL
TXDL
LIN
IO_5/VKAM
VKAM
VSUP3
VSENSE
FS1B
FS1B delay
& driver
VPU_FS
LIN Interface
CAN Flexible Data Interface
Long
Duration
Timer
VSUP3
VKAM
VSUP3
VPRE
*
*
*
*
*
*
Part Number dependent
Figure 4. FS6500/FS4500 with CAN and LIN simplified internal block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com