Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FS6500
Description  Safety Power System Basis Chip with CAN FD and LIN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 1 Page - NXP Semiconductors

  FS6500 Datasheet HTML 1Page - NXP Semiconductors FS6500 Datasheet HTML 2Page - NXP Semiconductors FS6500 Datasheet HTML 3Page - NXP Semiconductors FS6500 Datasheet HTML 4Page - NXP Semiconductors FS6500 Datasheet HTML 5Page - NXP Semiconductors FS6500 Datasheet HTML 6Page - NXP Semiconductors FS6500 Datasheet HTML 7Page - NXP Semiconductors FS6500 Datasheet HTML 8Page - NXP Semiconductors FS6500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FS6500, FS4500
Safety Power System Basis Chip with CAN FD and LIN
Transceivers
Rev. 1.0 — 14 December 2017
Short data sheet: advance information
1 General description
The FS6500/FS4500 SMARTMOS devices are a multi-output, power supply, integrated
circuit, including CAN Flexible Data (FD) and/or LIN transceivers, dedicated to the
automotive market.
Multiple switching and linear voltage regulators, including low-power mode (32 μA) are
available with various wake-up capabilities. An advanced power management scheme
is implemented to maintain high efficiency over a wide range of input voltages (down to
2.7 V) and output current ranges (up to 2.2 A).
The FS6500/FS4500 includes configurable fail-safe/fail silent safety behavior and
features, with two fail-safe outputs, becoming a full part of a safety oriented system
partitioning, to reach a high integrity safety level (up to ASIL D).
The built-in CAN FD interface fulfills the ISO 11898-2 and -5 standards. The LIN interface
fulfills LIN protocol specifications 2.0, 2.1, 2.2, and SAEJ2602-2.
2 Features
• Battery voltage sensing and MUX output pin
• Highly flexible SMPS pre-regulator, allowing two topologies: non-inverting buck-boost
and standard buck
• Family of devices to supply MCU core from 1.0 V to 5.0 V, with SMPS (0.8 A, 1.5 A or
2.2 A) or LDO (0.5 A)
• 36 V maximum input operating voltage
• Linear voltage regulator dedicated to auxiliary functions, or to sensor supply (VCCA
tracker or independent), 5.0 V or 3.3 V
• Linear voltage regulator dedicated to MCU A/D reference voltage or I/Os supply (VCCA),
5.0 V or 3.3 V
• 3.3 V keep alive memory supply available in low-power mode
• Long duration timer, counting up to 6 months with 1.0 s resolution
• Multiple wake-up sources in low-power mode: CAN, LIN, IOs, LDT
• Five configurable I/Os
3 Applications
• Drive train electrification (BMS, hybrid EV and HEV, inverter, DCDC, alterno starter)
• Drive train - chassis and safety (active suspension, steering, safety domain gateway)
• Power train (EMS, TCU, gear box)
• ADAS (LDW, Radar, sensor fusion safety area)


Similar Part No. - FS6500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
3Mb / 153P
Safety power system basis chip with CAN FD and LIN transceivers
Rev. 8 - 5 August 2024
FS6500 NXP-FS6500 Datasheet
341Kb / 2P
FS6507, System Basis Chip, ASIL B, DCDC 0.8 A Vcore, LDT, CAN, LIN
FS6500 NXP-FS6500_V01 Datasheet
3Mb / 153P
Safety power system basis chip with CAN FD and LIN transceivers
Rev. 8 - 5 August 2024
More results

Similar Description - FS6500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
System Basis Chip with LIN Transceiver
33904 FREESCALE-33904 Datasheet
2Mb / 91P
System Basis Chip Gen2 with High Speed CAN and LIN Interface
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
LIN System Basis Chip with High
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
MC33907-MC33908D2 NXP-MC33907-MC33908D2 Datasheet
2Mb / 123P
Power system basis chip with high speed CAN and LIN transceivers
Rev. 5.0, 10/2016
logo
ON Semiconductor
NCV7450 ONSEMI-NCV7450 Datasheet
319Kb / 18P
System Basis Chip with CAN FD, LDO Regulator and HS Driver
November, 2019 ??Rev. 1
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com