Electronic Components Datasheet Search
  English  ▼

X  

PCA9745BTW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9745BTW
Description  16-channel SPI serial bus 57 mA/20 V constant current LED driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9745BTW Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9745BTW Datasheet HTML 1Page - NXP Semiconductors PCA9745BTW Datasheet HTML 2Page - NXP Semiconductors PCA9745BTW Datasheet HTML 3Page - NXP Semiconductors PCA9745BTW Datasheet HTML 4Page - NXP Semiconductors PCA9745BTW Datasheet HTML 5Page - NXP Semiconductors PCA9745BTW Datasheet HTML 6Page - NXP Semiconductors PCA9745BTW Datasheet HTML 7Page - NXP Semiconductors PCA9745BTW Datasheet HTML 8Page - NXP Semiconductors PCA9745BTW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
PCA9745B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 16 June 2016
2 of 48
NXP Semiconductors
PCA9745B
16-channel SPI serial bus 57 mA/20 V constant current LED driver
2.
Features and benefits
16 LED drivers. Each output programmable at:
Off
On
Programmable LED brightness
Programmable group dimming/blinking mixed with individual LED brightness
Programmable LED output delay to reduce EMI and surge currents
Gradation control for all channels
Each channel can assign to one of four gradation control groups
Programmable gradation time and rate for ramp-up and/or ramp-down operations
Programmable step time (6-bit) from 0.5 ms (minimum) to 512 ms (maximum)
Programmable hold-on time after ramp-up and hold-off time after ramp-down (3-bit)
from 0 s to 6 s
Programmable final ramp-up and hold-on current
Programmable brightness current output adjustment, either linear or exponential
curve
16 constant current output channels can sink up to 57 mA, tolerate up to 20 V when
OFF
Output current adjusted through an external resistor (REXT input)
Output current accuracy
4 % between output channels
6 % between PCA9745B devices
Open/short load/overtemperature detection mode to detect individual LED errors
4-wire serial bus interface with 25 MHz data clock rate
256-step (8-bit) linear programmable brightness per LED output varying from fully off
(default) to maximum brightness fully ON using a 31.25 kHz PWM signal
256-step group brightness control allows general dimming (using a 122 Hz PWM
signal) from fully off to maximum brightness (default)
256-step group blinking with frequency programmable from 15 Hz to 16.8 s and duty
cycle from 0 % to 99.6 %
Active LOW Output Enable (OE) input pin allows for hardware blinking and dimming of
the LEDs
8 MHz internal oscillator requires no external components
Internal power-on reset
Noise filter on SDI/SCLK inputs
No glitch on LEDn outputs on power-up
Low standby current
Operating power supply voltage (VDD) range of 3 V to 5.5 V
5.5 V tolerant inputs on non-LED pins
40 C to +105 C operation
ESD protection exceeds 4 kV HBM per JESD22-A114
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: HTSSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com