Electronic Components Datasheet Search
  English  ▼

X  

PCA9745BTW Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9745BTW
Description  16-channel SPI serial bus 57 mA/20 V constant current LED driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9745BTW Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9745BTW Datasheet HTML 35Page - NXP Semiconductors PCA9745BTW Datasheet HTML 36Page - NXP Semiconductors PCA9745BTW Datasheet HTML 37Page - NXP Semiconductors PCA9745BTW Datasheet HTML 38Page - NXP Semiconductors PCA9745BTW Datasheet HTML 39Page - NXP Semiconductors PCA9745BTW Datasheet HTML 40Page - NXP Semiconductors PCA9745BTW Datasheet HTML 41Page - NXP Semiconductors PCA9745BTW Datasheet HTML 42Page - NXP Semiconductors PCA9745BTW Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
PCA9745B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 16 June 2016
39 of 48
NXP Semiconductors
PCA9745B
16-channel SPI serial bus 57 mA/20 V constant current LED driver
13. Dynamic characteristics
[1]
All parameters tested at VDD = 3 V to 5.5 V; VSS = 0 V; Tamb = +25 C. Specifications over temperature are guaranteed by design.
14. Test information
Table 29.
Dynamic characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCLK
SCLK clock frequency
0
-
25
MHz
tLOW
LOW period of the SCLK clock
20
-
-
ns
tHIGH
HIGH period of the SCLK clock
20
-
-
ns
tDS
data set-up time
10
-
-
ns
tDH
data hold time
0
-
-
ns
tCSS
chip select asserted to SCLK rise set-up time
10
-
-
ns
tCSH
SCLK fall to chip select de-asserted hold time
0
-
-
ns
tCS_HI
minimum chip select de-asserted HIGH time
40
-
-
ns
td(SDO)
SDO delay time
CL = 50 pF
--20
ns
Fig 19. Definition of timing
SCLK
tLOW tHIGH
1 / fSCLK
tCSS
CS
tDS tDH
D15
D14
D13
SDI
D2
D1
D0
tCSH tCS_HI
D15
SDO
D2
D1
D0
aaa-011895
D4
D3
td(SDO)
50%
50%
50%
50%
50%
50%
50%
50%
RL = Load resistor for LEDn.
CL = Load capacitance includes jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generators.
Fig 20. Test circuitry for switching times
PULSE
GENERATOR
VO
CL
50 pF
RL
100 Ω
002aag359
RT
VI
VDD
DUT
VDD or VLED
open
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com