Electronic Components Datasheet Search
  English  ▼

X  

PCA9745BTW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9745BTW
Description  16-channel SPI serial bus 57 mA/20 V constant current LED driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9745BTW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9745BTW Datasheet HTML 9Page - NXP Semiconductors PCA9745BTW Datasheet HTML 10Page - NXP Semiconductors PCA9745BTW Datasheet HTML 11Page - NXP Semiconductors PCA9745BTW Datasheet HTML 12Page - NXP Semiconductors PCA9745BTW Datasheet HTML 13Page - NXP Semiconductors PCA9745BTW Datasheet HTML 14Page - NXP Semiconductors PCA9745BTW Datasheet HTML 15Page - NXP Semiconductors PCA9745BTW Datasheet HTML 16Page - NXP Semiconductors PCA9745BTW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
PCA9745B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 16 June 2016
13 of 48
NXP Semiconductors
PCA9745B
16-channel SPI serial bus 57 mA/20 V constant current LED driver
A 31.25 kHz fixed frequency signal is used for each output. Duty cycle is controlled
through 255 linear steps from 00h (0 % duty cycle = LED output off) to FEh
(99.2 % duty cycle = LED output at maximum brightness) and FFh (100 % duty cycle =
LED output completed ON). Applicable to LED outputs programmed with LDRx = 10 or 11
(LEDOUT0 to LEDOUT3 registers).
(3)
Remark: The first lower end 8 steps of PWM and the last (higher end) steps of PWM will
not have effective brightness control of LEDs due to edge rate control of LED output pins.
7.2.7 IREF0 to IREF15, LED output current value registers
These registers reflect the gain settings for output current for LED0 to LED15.
15h
PWM13
7:0
IDC13[7:0]
R/W
0000 0000* PWM13 Individual Duty Cycle
16h
PWM14
7:0
IDC14[7:0]
R/W
0000 0000* PWM14 Individual Duty Cycle
17h
PWM15
7:0
IDC15[7:0]
R/W
0000 0000* PWM15 Individual Duty Cycle
Table 10.
PWM0 to PWM15 - PWM registers 0 to 15 (address 08h to 17h) bit description
…continued
Address
Register
Bit
Symbol
Access
Value
Description
duty cycle
IDCx 7:0

256
---------------------------
=
Table 11.
IREF0 to IREF15 - LED output gain control registers (address 18h to 27h)
bit description
Legend: * default value.
Address
Register
Bit
Access
Value
Description
18h
IREF0
7:0
R/W
00h*
LED0 output current setting
19h
IREF1
7:0
R/W
00h*
LED1 output current setting
1Ah
IREF2
7:0
R/W
00h*
LED2 output current setting
1Bh
IREF3
7:0
R/W
00h*
LED3 output current setting
1Ch
IREF4
7:0
R/W
00h*
LED4 output current setting
1Dh
IREF5
7:0
R/W
00h*
LED5 output current setting
1Eh
IREF6
7:0
R/W
00h*
LED6 output current setting
1Fh
IREF7
7:0
R/W
00h*
LED7 output current setting
20h
IREF8
7:0
R/W
00h*
LED8 output current setting
21h
IREF9
7:0
R/W
00h*
LED9 output current setting
22h
IREF10
7:0
R/W
00h*
LED10 output current setting
23h
IREF11
7:0
R/W
00h*
LED11 output current setting
24h
IREF12
7:0
R/W
00h*
LED12 output current setting
25h
IREF13
7:0
R/W
00h*
LED13 output current setting
26h
IREF14
7:0
R/W
00h*
LED14 output current setting
27h
IREF15
7:0
R/W
00h*
LED15 output current setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com