Electronic Components Datasheet Search
  English  ▼

X  

PCA9745BTW Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCA9745BTW
Description  16-channel SPI serial bus 57 mA/20 V constant current LED driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9745BTW Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCA9745BTW Datasheet HTML 20Page - NXP Semiconductors PCA9745BTW Datasheet HTML 21Page - NXP Semiconductors PCA9745BTW Datasheet HTML 22Page - NXP Semiconductors PCA9745BTW Datasheet HTML 23Page - NXP Semiconductors PCA9745BTW Datasheet HTML 24Page - NXP Semiconductors PCA9745BTW Datasheet HTML 25Page - NXP Semiconductors PCA9745BTW Datasheet HTML 26Page - NXP Semiconductors PCA9745BTW Datasheet HTML 27Page - NXP Semiconductors PCA9745BTW Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
PCA9745B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 16 June 2016
24 of 48
NXP Semiconductors
PCA9745B
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Example 1: If Rext =1k, IO_LED_MIN = 225 A, IO_LED_MAX = 57.375 mA (as shown
in Figure 10).
So each channel can be programmed with its individual IREFx in 256 steps and in 225
A
increments to a maximum output current of 57.375 mA independently.
IO(LEDn) (mA) = IREFx  (0.9 / 4) / Rext (k)
maximum IO(LEDn) (mA) = 255  (0.9 / 4) / Rext (k)
Remark: Default IREFx at power-up = 0.
Fig 9.
Maximum ILED versus Rext
Fig 10. IO(target) versus IREFx value with Rext = 1 k
Rext (kΩ)
1
10
9
48
2
002aag288
0
60
40
20
80
IO(LEDn)
(mA)
5
6
IREFx = 255
3
7
IREFx[7:0] value
0
255
192
128
64
002aah691
20
30
10
40
50
IO(target)
(mA)
0
32
96
160
224
60
57.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com