Electronic Components Datasheet Search
  English  ▼

X  

PCA9745BTW Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA9745BTW
Description  16-channel SPI serial bus 57 mA/20 V constant current LED driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9745BTW Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA9745BTW Datasheet HTML 31Page - NXP Semiconductors PCA9745BTW Datasheet HTML 32Page - NXP Semiconductors PCA9745BTW Datasheet HTML 33Page - NXP Semiconductors PCA9745BTW Datasheet HTML 34Page - NXP Semiconductors PCA9745BTW Datasheet HTML 35Page - NXP Semiconductors PCA9745BTW Datasheet HTML 36Page - NXP Semiconductors PCA9745BTW Datasheet HTML 37Page - NXP Semiconductors PCA9745BTW Datasheet HTML 38Page - NXP Semiconductors PCA9745BTW Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
PCA9745B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 16 June 2016
35 of 48
NXP Semiconductors
PCA9745B
16-channel SPI serial bus 57 mA/20 V constant current LED driver
LED string. Reducing this to a minimum (for example, 0.8 V) helps to keep the power
dissipation down. Therefore LEDs binning is recommended to minimize LED voltage
forward variation and reduce power dissipation in the device.
In order to ensure that the device will not go into thermal shutdown when operating under
certain application conditions, its junction temperature (Tj) should be calculated to ensure
that is below the overtemperature threshold limit (130
C). The T
j of the device depends
on the ambient temperature (Tamb), device’s total power dissipation (Ptot), and thermal
resistance.
The device junction temperature can be calculated by using the following equation:
(6)
where:
Tj = junction temperature
Tamb = ambient temperature
Rth(j-a) = junction to ambient thermal resistance
Ptot = (device) total power dissipation
An example of this calculation is show below:
Conditions:
Tamb = 50 C
Rth(j-a) = 39 C/W (per JEDEC 51 standard for multilayer PCB)
ILED = 30 mA / channel
IDD(max) = 20 mA
VDD = 5 V
LEDs per channel = 5 LEDs / channel
LED VF(typ) = 3 V per LED (15 V total for 5 LEDs in series)
LED VF mismatch = 0.2 V per LED (1 V total for 5 LEDs in series)
Vreg(drv) = 0.8 V (This will be present only in the LED string with the highest LED forward
voltage.)
Vsup = LED VF(typ) + LED VF mismatch + Vreg(drv) = 15 V + 1 V + 0.8 V = 16.8 V
Ptot calculation:
Ptot = IC_power + LED drivers_power;
IC_power = (IDD  VDD)
IC_power = (0.02 A
 5V) = 0.1W
LED drivers_power = [(16
 1)  (I
LED)  (LED VF mismatch + Vreg(drv))] +
(ILED  Vreg(drv))
LED drivers_power = [15
 0.03 A  (1 V + 0.8 V)] + (0.03 A  0.8 V)] = 0.834 W
Ptot = 0.1 W + 0.834 W = 0.934 W
Tj calculation:
T
j
T
amb
R
th j-a

P
tot
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com