Electronic Components Datasheet Search
  English  ▼

X  

MIC23156 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC23156 Datasheet HTML 14Page - Microchip Technology MIC23156 Datasheet HTML 15Page - Microchip Technology MIC23156 Datasheet HTML 16Page - Microchip Technology MIC23156 Datasheet HTML 17Page - Microchip Technology MIC23156 Datasheet HTML 18Page - Microchip Technology MIC23156 Datasheet HTML 19Page - Microchip Technology MIC23156 Datasheet HTML 20Page - Microchip Technology MIC23156 Datasheet HTML 21Page - Microchip Technology MIC23156 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MIC23156
DS20005919A-page 18
 2017 Microchip Technology Inc.
5.7
HyperLight Load Mode
The MIC23156 uses a minimum on and off-time propri-
etary control loop. When the output voltage falls below
the regulation threshold, the error comparator begins a
switching cycle that turns the PMOS on and keeps it on
for the duration of the minimum on-time; this increases
the output voltage. If the output voltage is over the
regulation threshold, then the error comparator turns
the PMOS off for a minimum off-time until the output
drops below the threshold. The NMOS acts as an ideal
rectifier that conducts when the PMOS is off. Using a
NMOS switch instead of a diode allows for a lower
voltage drop across the switching device when it is on.
The synchronous switching combination between the
PMOS and the NMOS allows the control loop to work
in Discontinuous mode for light load operations. In Dis-
continuous mode, the MIC23156 works in HyperLight
Load to regulate the output. As the output current
increases, the off-time decreases, thus providing more
energy to the output. This switching scheme improves
the efficiency of MIC23156 during light load currents by
only switching when it is needed. As the load current
increases, the MIC23156 goes into Continuous
Conduction Mode (CCM) and switches at a frequency
centered at 3 MHz. The equation to calculate the load
when the MIC23156 goes into Continuous Conduction
Mode may be approximated by Equation 5-5:
EQUATION 5-5:
CALCULATING LOAD
WHEN IN CONTINUOUS
CONDUCTION MODE
As shown in Equation 5-5, the load at which the
MIC23156 transitions from HyperLight Load mode to
PWM mode is a function of the Input Voltage (VIN), Out-
put Voltage (VOUT), Duty Cycle (D), Inductance (L) and
frequency (f). As shown in Figure 5-3, as the output
current increases, the switching frequency also
increases until the MIC23156 goes from HyperLight
Load mode to PWM mode, at approximately 200 mA.
The MIC23156 will switch at a relatively constant
frequency, around 3 MHz, once the output current is
over 200 mA.
FIGURE 5-3:
SW Frequency vs. Output
Current.
5.8
Output Voltage Setting
The MIC23156 features dynamic voltage scaling and
setting hardware that allow the output voltage of the
buck regulator to be changed on-the-fly, in increments
of 10 mV. The output voltage is set according to one of
two registers that behave identically: BUCK_OUT1
when VSEL = 0 and BUCK_OUT2 when VSEL = 1. If the
BUCK_OUT value is changed while the VSEL is selected
and the regulator is enabled, then the output voltage will
immediately change to the new value using Dynamic
Voltage Scaling (DVS). Equation 5-6 describes the
relationship between the register value and the output
voltage:
EQUATION 5-6:
REGISTER VALUE AND
OUTPUT VOLTAGE
RELATIONSHIP
Note that the maximum output voltage is 2.4V, corre-
sponding to a register setting of 170 (0b10101010,
0xAA). An example of this calculation is demonstrated
in Section 5.13 “Calculating DAC Voltage Code”.
ILOAD >
(VIN – VOUT) D
2L
 f
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
100
1000
10000
OUTPUT CURRENT (mA)
VOUT = 1.8V
COUT = 2.2 µF
2.2 µH
1.0 µH
Switching Frequency vs.
Output Current
VOUT = 0.7 + (0.01  REGBUCK_OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com