Electronic Components Datasheet Search
  English  ▼

X  

MIC23156 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC23156 Datasheet HTML 15Page - Microchip Technology MIC23156 Datasheet HTML 16Page - Microchip Technology MIC23156 Datasheet HTML 17Page - Microchip Technology MIC23156 Datasheet HTML 18Page - Microchip Technology MIC23156 Datasheet HTML 19Page - Microchip Technology MIC23156 Datasheet HTML 20Page - Microchip Technology MIC23156 Datasheet HTML 21Page - Microchip Technology MIC23156 Datasheet HTML 22Page - Microchip Technology MIC23156 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2017 Microchip Technology Inc.
DS20005919A-page 19
MIC23156
5.9
I2C Interface
Figure 5-4 shows the communications required for
write and read operations via the I2C interface. The
black lines show master communications and the red
lines show the slave communications. During a write
operation, the master must drive SDA and SCL for all
stages, except the Acknowledgment (A) stage shown
in red, which are provided by the slave (MIC23156).
The read operation begins first with a dataless write to
select the register address from which to read. A restart
sequence is issued, followed by a read command and
a data read.
The MIC23156 responds to a slave address of Hex 0xB6
and 0xB7 for write and read operations, respectively,
or binary 1011011x (where ‘x’ is the read/write bit,
0
= write, 1 = read).
The register address is eight bits wide and carries the
address of the MIC23156 register to be operated upon.
Only the lower three bits are used.
FIGURE 5-4:
Required Communications
for Read/Write Operations via I2C Interface.
5.10
I2C Register Summary
There are three I2C Read/Write registers that are 8 bits
in length. All registers are reset to a zero state when-
ever EN
 0.5V and set (reset) to their default values on
the transition of EN
 1.5V. All registers are accessible
by I2C.
TABLE 5-2:
REGISTER BIT FIELD MAP
5.11
Enable/Status Register (001b/01h)
The Enable/Status register is written to enable the out-
put regulator (BUCK_EN) and Soft Start Extension
mode (SSL). It is read to interrogate the status of Ther-
mal Shutdown (TSD), Undervoltage Lockout (UVLO)
and Power Good (PGOOD) status of the regulator. See
Register 5-1 for additional information.
5.12
Buck Register 1 (010b/02h) and
Buck Register 2 (011b/03h)
These registers are written to set the output voltage to
any one of 170 levels in 10 mV steps. Values above
decimal 170 are equivalent to setting the register
to 170. The two registers correspond to one of two
states, which is selectable by the VSEL input pin. This
allows the regulator to be quickly switched between
two voltage levels (e.g., enabled and standby). When
VSEL = 0, the output voltage is controlled by BUCK_OUT1
(REG2).
When VSEL = 1, then the output voltage is
controlled by BUCK_OUT2 (REG3). See Register 5-2
and Register 5-3 for additional information.
SDA
SCL
SLAVE
ADDRESS
REGISTER
ADDRESS
DATA
SLAVE
ADDRESS
S = START
= WRITE
A = ACKNOWLEDGE
W
SDA
SCL
SLAVE
ADDRESS
REGISTER
ADDRESS
DATA
WRITE PROTOCOL
READ PROTOCOL
Sr = RESTART
R = READ
P = STOP
S
WA
A
A
P
1011011 0
00
0
S
WA
A
A
P
Sr
R A
1011011 0
0
0
1011011 1 0
0
Reg.
D7
D6
D5
D4
1
—
TSD
UVLO
PGOOD
2
BUCK_OUT1
3
BUCK_OUT2
Reg.
D3
D2
D1
D0
1
—
—
SSL
BUCK_EN
2
BUCK_OUT1
3
BUCK_OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com