Electronic Components Datasheet Search
  English  ▼

X  

MIC23156 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC23156 Datasheet HTML 5Page - Microchip Technology MIC23156 Datasheet HTML 6Page - Microchip Technology MIC23156 Datasheet HTML 7Page - Microchip Technology MIC23156 Datasheet HTML 8Page - Microchip Technology MIC23156 Datasheet HTML 9Page - Microchip Technology MIC23156 Datasheet HTML 10Page - Microchip Technology MIC23156 Datasheet HTML 11Page - Microchip Technology MIC23156 Datasheet HTML 12Page - Microchip Technology MIC23156 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2017 Microchip Technology Inc.
DS20005919A-page 9
MIC23156
FIGURE 2-13:
Enable Threshold vs. Input
Voltage.
FIGURE 2-14:
PGOOD Threshold vs. Input
Voltage.
FIGURE 2-15:
Output Voltage vs. DAC
Linearity.
FIGURE 2-16:
Output Voltage vs. DAC
DNL.
FIGURE 2-17:
Switching Frequency vs.
Temperature.
FIGURE 2-18:
Switching Frequency vs.
Output Current.
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
2.53
3.544.5
55.5
INPUT VOLTAGE (V)
ENABLE RISING
ENABLE FALLING
70%
75%
80%
85%
90%
95%
100%
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
PGOOD RISING
PGOOD FALLING
0.6
1
1.4
1.8
2.2
2.6
0
255075
100
125
150
175
DAC VOLTAGE CODE
IOUT = 250 mA
COUT = 2.2 µF
9
9.5
10
10.5
11
0
255075
100
125
150
175
DAC VOLTAGE CODE
IOUT = 250 mA
COUT = 2.2 µF
0
1
2
3
4
5
-40
-20
0
2040
6080
100
120
TEMPERATURE (
°C)
VIN = 3.6V
VOUTNOM = 1.0V
COUT = 2.2 µF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
100
1000
10000
OUTPUT CURRENT (mA)
VOUT = 1.8V
COUT = 2.2 µF
2.2 µH
1.0 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com