Electronic Components Datasheet Search
  English  ▼

X  

80N08G-TA3-R Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # 80N08G-TA3-R
Description  N-Channel 80 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

80N08G-TA3-R Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  80N08G-TA3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
T
J - Temperature (°C)
I
D = 250 μA
I
D = 5 mA
0.000
0.010
0.020
0.030
0.040
0.050
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 20 A
0
100
200
300
400
500
0.001
0.01
0.1
1
10
Time (s)
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
A = 25 °C
Single Pulse
BVDSS Limited
10 ms
10 s
1 s
DC
I
D Limited
100 μs
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
80N08G-TA3-R
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com