Electronic Components Datasheet Search
  English  ▼

X  

80N08G-TA3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 80N08G-TA3-R
Description  N-Channel 80 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

80N08G-TA3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  80N08G-TA3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel 80 V (D-S) MOSFET
FEATURES
• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested
APPLICATIONS
• Primary Side Switching
• Synchronous Rectification
• DC/AC Inverters
• LED Backlighting
Notes
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
80
0.0065at VGS = 10 V
17.1 nC
0.0070at VGS = 6.0 V
7
5
0.0085at VGS = 4.5 V
65
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
80
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
A
TC = 70 °C
65
TA = 25 °C
28.6b, c
TA = 70 °C
24.9b, c
Pulsed Drain Current (t = 100 μs)
IDM
350
Continuous Source-Drain Diode Current
TC = 25 °C
IS
TA = 25 °C
4.5b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
30
Single Pulse Avalanche Energy
EAS
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
180
W
TC = 70 °C
120
TA = 25 °C
5b, c
TA = 70 °C
3.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
80
80
8
0
TO-220AB
Top View
GD S
a
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
 10 sec
RthJA
15
18
°C/W
Steady State
40
50
Maximum Junction-to-Case
RthJC
0.85
1.1
a
a
a
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
80N08G-TA3-R
1


Similar Part No. - 80N08G-TA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
80N08G-TA3-R UTC-80N08G-TA3-R Datasheet
140Kb / 3P
N-CHANNEL 80V (D-S) MOSFET
More results

Similar Description - 80N08G-TA3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
N-Channel 80-V (D-S) MOSFET
28-May-01
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
N-Channel 80-V (D-S) MOSFET
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SI7852DP TFUNK-SI7852DP Datasheet
303Kb / 12P
N-Channel 80-V (D-S) MOSFET
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
N-Channel 80 V (D-S) MOSFET
SIS468DN TFUNK-SIS468DN Datasheet
559Kb / 13P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
N-Channel 80-V (D-S) MOSFET
18-May-09
logo
VBsemi Electronics Co.,...
UTT80N08 VBSEMI-UTT80N08 Datasheet
1,001Kb / 8P
N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com