Electronic Components Datasheet Search
  English  ▼

X  

80N08G-TA3-R Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # 80N08G-TA3-R
Description  N-Channel 80 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

80N08G-TA3-R Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  80N08G-TA3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
20
40
60
80
100
0.0
1.0
2.0
3.0
4.0
5.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 4 V
V
GS = 3 V
V
GS = 10 V thru 7V
V
GS = 6 V
0.0050
0.0070
0.0090
0.0110
0.0130
0.0150
0
20
40
60
80
100
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 6.0 V
V
GS = 10 V
0
2
4
6
8
10
0
8
16
24
32
40
Q
g - Total Gate Charge (nC)
V
DS = 40 V
V
DS = 60 V
V
DS = 20 V
I
D = 10 A
0
20
40
60
80
100
120
0.0
1.8
3.6
5.4
7.2
9.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
1000
2000
3000
4000
5000
0
12
24
36
48
60
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 10 V
V
GS = 6V
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
80N08G-TA3-R
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com