Electronic Components Datasheet Search
  English  ▼

X  

80N08G-TA3-R Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # 80N08G-TA3-R
Description  N-Channel 80 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

80N08G-TA3-R Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  80N08G-TA3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
80
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
37
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 6.1
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
3.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
μA
VDS = 80 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS  5 V, VGS = 10 V
85
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.0065
VGS = 6 V, ID = 15 A
0.0070
VGS = 4.5 V, ID = 10 A
0.0085
Forward Transconductancea
gfs
VDS = 10 V, ID = 20 A
60
S
Dynamicb
Input Capacitance
Ciss
VDS = 40 V, VGS = 0 V, f = 1 MHz
3855
pF
Output Capacitance
Coss
1120
Reverse Transfer Capacitance
Crss
376
Total Gate Charge
Qg
VDS = 40 V,VGS = 10 V, ID = 10 A
35.5
nC
VDS = 40 V, VGS = 6 V, ID = 10 A
22
VDS = 40 V,VGS = 4.5 V, ID = 10 A
18
Gate-Source Charge
Qgs
5.3
Gate-Drain Charge
Qgd
7.3
Output Charge
Qoss
VDS = 40 V, VGS = 0 V
57
86
Gate Resistance
Rg
f = 1 MHz
0.5
1.3
2
Turn-On Delay Time
td(on)
VDD = 40 V, RL = 4 
ID  10 A, VGEN = 10 V, Rg = 1 
12
24
ns
Rise Time
tr
816
Turn-Off DelayTime
td(off)
32
64
Fall Time
tf
714
Turn-On Delay Time
td(on)
VDD = 40 V, RL = 4 
ID  10 A, VGEN = 6.0 V, Rg = 1 
14
28
Rise Time
tr
11
22
Turn-Off DelayTime
td(off)
30
60
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
75
A
Pulse Diode Forward Current (t = 100 μs)
ISM
150
Body Diode Voltage
VSD
IS = 5 A
0.76
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/μs, TJ = 25 °C
38
75
ns
Body Diode Reverse Recovery Charge
Qrr
36
70
nC
Reverse Recovery Fall Time
ta
19
ns
Reverse Recovery Rise Time
tb
19
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
80N08G-TA3-R
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com