Electronic Components Datasheet Search
  English  ▼

X  

80N08G-TA3-R Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # 80N08G-TA3-R
Description  N-Channel 80 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

80N08G-TA3-R Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  80N08G-TA3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 80N08G-TA3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating*
Power, Junction-to-Case
Power, Junction-to-Ambient
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases
where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
0
15
30
45
60
75
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Package Limited
0
15
30
45
60
75
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
T
A - Ambient Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
80N08G-TA3-R
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com