Electronic Components Datasheet Search
  English  ▼

X  

L64734 Datasheet(PDF) 33 Page - LSI Computer Systems

Part # L64734
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64734 Datasheet(HTML) 33 Page - LSI Computer Systems

Back Button L64734 Datasheet HTML 29Page - LSI Computer Systems L64734 Datasheet HTML 30Page - LSI Computer Systems L64734 Datasheet HTML 31Page - LSI Computer Systems L64734 Datasheet HTML 32Page - LSI Computer Systems L64734 Datasheet HTML 33Page - LSI Computer Systems L64734 Datasheet HTML 34Page - LSI Computer Systems L64734 Datasheet HTML 35Page - LSI Computer Systems L64734 Datasheet HTML 36Page - LSI Computer Systems L64734 Datasheet HTML 37Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
L64733/L64734 Tuner and Satellite Receiver Chipset
33
Table 9
DC Characteristics of the L64734
Symbol
Parameter
Condition1
Min
Typ
Max
Units
VDD
Supply Voltage
3.0
3.3
3.6
V
VIL
Input Voltage LOW
VSS
−0.5
–
0.8
V
VIH
Input Voltage HIGH
LVTTL Com/Ind/Mil
Temp Range
2.0
–
VDD
+ 0.3
V
5 V compatible
2.0
–
5.5
V
VT
Switching Threshold
–
1.4
2.0
V
IIL
Input Current Leakage
VDD = Max,
VIN =VDD or VSS
−10
±110
µA
IIPU
Input Current Leakage
with Pull-up
VIN =VSS
−62
−215
−384
µA
IIPD
Input Current Leakage
with Pull-down
VIN =VDD
−62
−215
−384
µA
VOH
Output Voltage HIGH
IOH = −1.0, −2.0, −4.0,
−6.0, −8.0, −12.0 mA
2.4
–
VDD
V
VOL
Output Voltage LOW
IOH = 1.0, 2.0, 4.0, 6.0,
8.0, 12.0 mA
–
0.2
0.4
V
IOZ
3-State Output Leakage
Current
VDD = Max,
VOUT =VSS or 3.5 V
−10
±110
µA
IDD
Quiescent Supply
Current
VIN =VDD or VSS
–2
mA
ICC
Dynamic Supply Current 20 Mbaud, rate = 3/4,
VDD = 3.3 V, Fs =
75 MHz
–
290
–
mA
VCM
Midpoint of PSOUTp,
PSOUTn inputs
–
2.4
–
V
VIH_PECL
Input Voltage HIGH level
(DC)
PSOUTp
− PSOUTn =
50 mV
VCM
+50mV
––
V
(Sheet 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com