Electronic Components Datasheet Search
  English  ▼

X  

L64734 Datasheet(PDF) 17 Page - LSI Computer Systems

Part # L64734
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64734 Datasheet(HTML) 17 Page - LSI Computer Systems

Back Button L64734 Datasheet HTML 13Page - LSI Computer Systems L64734 Datasheet HTML 14Page - LSI Computer Systems L64734 Datasheet HTML 15Page - LSI Computer Systems L64734 Datasheet HTML 16Page - LSI Computer Systems L64734 Datasheet HTML 17Page - LSI Computer Systems L64734 Datasheet HTML 18Page - LSI Computer Systems L64734 Datasheet HTML 19Page - LSI Computer Systems L64734 Datasheet HTML 20Page - LSI Computer Systems L64734 Datasheet HTML 21Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
L64733/L64734 Tuner and Satellite Receiver Chipset
17
Analog-to-Digital Converter (ADC) Interface
The ADC module converts the incoming IVIN and QVIN signals into an
internal 6-bit digital representation for processing. The following pins
support the ADC module.
ADCVDDI/Q
ADC Power
Input
These are the analog power supply pins for the ADC
module; they are normally connected to the system
power (VDD) plane.
ADCVSSI/Q
ADC Analog Ground
Input
These are the analog ground pins for the ADC module;
they are normally connected to the system ground plane.
VREFP
Reference Voltage, Positive
Input/Output
ADC reference voltage generated by the on-chip
bandgap-based generator. Bypass to GND using a
0.1
µF capacitor.
VREFN
Reference Voltage, Negative
Input/Output
ADC reference voltage generated by the on-chip
bandgap-based generator. Bypass to GND using a
0.1
µF capacitor.
VMID
Reference Voltage, Middle
Input/Output
ADC reference voltage generated by the on-chip
bandgap-based generator. Bypass to GND using a
0.1
µF capacitor.
AGC Control Interface
The AGC Control interface contains signals used for power control.
AGC1, AGC2 Power Control Signals
Output
The AGC1 and AGC2 signals are the positive
Σ∆
modulated output used for power control. These signals
can each drive an external passive RC filter that feeds a
gain control stage for dual-stage AGC. For a single-stage
AGC, AGC1 can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com