Electronic Components Datasheet Search
  English  ▼

X  

L64734 Datasheet(PDF) 37 Page - LSI Computer Systems

Part # L64734
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64734 Datasheet(HTML) 37 Page - LSI Computer Systems

Back Button L64734 Datasheet HTML 33Page - LSI Computer Systems L64734 Datasheet HTML 34Page - LSI Computer Systems L64734 Datasheet HTML 35Page - LSI Computer Systems L64734 Datasheet HTML 36Page - LSI Computer Systems L64734 Datasheet HTML 37Page - LSI Computer Systems L64734 Datasheet HTML 38Page - LSI Computer Systems L64734 Datasheet HTML 39Page - LSI Computer Systems L64734 Datasheet HTML 40Page - LSI Computer Systems L64734 Datasheet HTML 41Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
L64733/L64734 Tuner and Satellite Receiver Chipset
37
Figure 9
AC Test Load and Waveforms for 3-State Outputs
Synchronous timing is shown in Figure 10. Synchronous inputs must
have a setup and hold relationship with respect to the clock signal that
samples them. Synchronous outputs have a delay from the clock edge
that asserts them.
Figure 10
L64734 Synchronous AC Timing
The reset pulse requirements are shown in Figure 11.
Figure 11
L64734 RESET Timing Diagram
0.5 V
VDD – 0.5 V
0.5 V
2.5 V
Iref = -20 mA
Iref = 20 mA
Vref = 1.5 V
Output
Test
Point
55 pF
Vref
PCLK
INPUTS
OUTPUTS
BCLKOUT
1
3
2
6
5
4
RESET
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com