Electronic Components Datasheet Search
  English  ▼

X  

L64734 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # L64734
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64734 Datasheet(HTML) 6 Page - LSI Computer Systems

Back Button L64734 Datasheet HTML 2Page - LSI Computer Systems L64734 Datasheet HTML 3Page - LSI Computer Systems L64734 Datasheet HTML 4Page - LSI Computer Systems L64734 Datasheet HTML 5Page - LSI Computer Systems L64734 Datasheet HTML 6Page - LSI Computer Systems L64734 Datasheet HTML 7Page - LSI Computer Systems L64734 Datasheet HTML 8Page - LSI Computer Systems L64734 Datasheet HTML 9Page - LSI Computer Systems L64734 Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
L64733/L64734 Tuner and Satellite Receiver Chipset
Features and Benefits
System Features
• Direct down-conversion
• Integrated programmable cut-off low-pass filters for variable-rate
operation
• Dual AGC for optimizing performance with respect to intermodulation
and noise
• Integrated synthesizer
• Integrated quadrature amplitude and phase imbalance compensation
• RF loop-through
Chipset Features
• Supports DVB and DSS system specifications
• BPSK/QPSK demodulation rates from 1 to 45 Mbaud
• Matched filter (square root raised cosine filter with roll-off factor of
20% or 35%)
• Anti-aliasing filters for operation from 1 to 45 Mbaud without
switching external SAW filters or the need for low-pass filters
• On-chip digital clock synchronization
• On-chip digital carrier synchronization, featuring a frequency sweep
capability for signal acquisition
• Auto-acquisition demodulator mode and tuner control through an
on-chip microcontroller
• Integrated Phase-Locked Loop (PLL) for clock synthesis, allowing the
use of a fundamental mode crystal
• Fast channel switching mode
• Power estimation for AGC control
• Programmable Viterbi decoder module for rates 1/2, 2/3, 3/4, 5/6,
6/7, 7/8
• Reed-Solomon decoder (204/188), (146/130)
• Auto-synchronization for Viterbi decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com