Electronic Components Datasheet Search
  English  ▼

X  

S80830 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S80830
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S80830 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S80830 Datasheet HTML 17Page - Seiko Instruments Inc S80830 Datasheet HTML 18Page - Seiko Instruments Inc S80830 Datasheet HTML 19Page - Seiko Instruments Inc S80830 Datasheet HTML 20Page - Seiko Instruments Inc S80830 Datasheet HTML 21Page - Seiko Instruments Inc S80830 Datasheet HTML 22Page - Seiko Instruments Inc S80830 Datasheet HTML 23Page - Seiko Instruments Inc S80830 Datasheet HTML 24Page - Seiko Instruments Inc S80830 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.2_00
S-808xxC Series
Seiko Instruments Inc.
21
Hysteresis width (VHYS)
A
B
VDD
VSS
Minimum operating voltage
Output from the OUT pin
VDD
VSS
(1)
(2) (3)
(5)
(4)
Release voltage (
+VDET)
Detection voltage (
−VDET)
Figure 16 Operation 2
2. Other Characteristics
2-1. Temperature Characteristics of Detection Voltage
The shaded area in Figure 17 shows the temperature characteristics of the detection voltage.
−40
25
+0.945 mV/°C
−VDET [V]
85
Ta [°C]
−0.945 mV/°C
−VDET25
*1
*1.
−VDET25 is an actual detection voltage value at 25°C.
Figure 17 Temperature Characteristics of Detection Voltage (Example for S-80827C)
2-2. Temperature Characteristics of Release Voltage
The temperature coefficient
Ta
VDET
∆
+
∆
for the release voltage is calculated by the temperature coefficient
Ta
VDET
∆
−
∆
of the detection voltage as follows:
Ta
V
V
V
Ta
V
DET
DET
DET
DET
∆
−
∆
×
−
+
=
∆
+
∆
The temperature coefficients for the release voltage and the detection voltage have the same sign
consequently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com