Electronic Components Datasheet Search
  English  ▼

X  

S80830 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S80830
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S80830 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S80830 Datasheet HTML 9Page - Seiko Instruments Inc S80830 Datasheet HTML 10Page - Seiko Instruments Inc S80830 Datasheet HTML 11Page - Seiko Instruments Inc S80830 Datasheet HTML 12Page - Seiko Instruments Inc S80830 Datasheet HTML 13Page - Seiko Instruments Inc S80830 Datasheet HTML 14Page - Seiko Instruments Inc S80830 Datasheet HTML 15Page - Seiko Instruments Inc S80830 Datasheet HTML 16Page - Seiko Instruments Inc S80830 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.2_00
S-808xxC Series
Seiko Instruments Inc.
13
Table 11
Pin No.
Pin name
Pin description
1
OUT
Voltage detection output pin
2
VDD
Voltage input pin
3
VSS
GND pin
TO-92
Bottom view
1
3
2
Figure 8
Absolute Maximum Ratings
1. Detection Voltage Typ. 1.4 V or Less Products
Table 12
(Ta
=25°C unless otherwise specified
Item
Symbol
Absolute maximum ratings
Unit
Power supply voltage
VDD
−VSS
7
V
Output voltage
Nch open-drain output products
VOUT
VSS
−0.3 to VSS+7
CMOS output products
VSS
−0.3 to VDD+0.3
Output current
IOUT
50
mA
Power dissipation
PD SC-82AB
150
mW
SNT-4A
140
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
2. Detection Voltage Typ. 1.5 V or More Products
Table 13
(Ta
=25°C unless otherwise specified
Item
Symbol
Absolute maximum ratings
Unit
Power supply voltage
VDD
−VSS
12
V
Output voltage
Nch open-drain output products
VOUT
VSS
−0.3 to VSS+12
CMOS output products
VSS
−0.3 to VDD+0.3
Output current
IOUT
50
mA
Power dissipation
PD SC-82AB
150
mW
SOT-23-5
250
SOT-89-3
500
SNT-4A
140
TO-92
400
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com