Electronic Components Datasheet Search
  English  ▼

X  

S80830 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S80830
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S80830 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S80830 Datasheet HTML 28Page - Seiko Instruments Inc S80830 Datasheet HTML 29Page - Seiko Instruments Inc S80830 Datasheet HTML 30Page - Seiko Instruments Inc S80830 Datasheet HTML 31Page - Seiko Instruments Inc S80830 Datasheet HTML 32Page - Seiko Instruments Inc S80830 Datasheet HTML 33Page - Seiko Instruments Inc S80830 Datasheet HTML 34Page - Seiko Instruments Inc S80830 Datasheet HTML 35Page - Seiko Instruments Inc S80830 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.3.2_00
32
Seiko Instruments Inc.
OUT
VSS
VDD
S-808xxC
Series
V
R
*1
100 k
Ω
COUT
VDD
V
VIH
Output voltage
Input voltagae
VIL
VDD
tpHL
tpLH
VIH
=10 V, VIL=0.95 V
1
µs
1
µs
VDD
×10 %
VDD
×90 %
*1.
R is unnecessary for CMOS output products.
Figure 23 Measurement Condition for Response Time
Figure 24 Measurement Circuit for Response Time
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.
Application Circuit Examples
1. Microcomputer Reset Circuits
If the power supply voltage to a microcomputer falls below the specified level, an unspecified operation may
be performed or the contents of the memory register may be lost. When power supply voltage returns to
normal, the microcomputer needs to be initialized before normal operations can be done.
Reset circuits protect microcomputers in the event of current being momentarily switched off or lowered.
Reset circuits shown in Figures 25 to 26 can be easily constructed with the help of the S-808xxC series,
that has low operating voltage, a high-precision detection voltage and hysteresis.
VSS
VDD
Microcomputer
S-
808xxCL
VSS
(Only for Nch open-drain products)
VDD1
VDD2
Microcomputer
S-
808xxCN
Figure 25 Reset Circuit Example(S-808xxCL)
Figure 26 Reset Circuit Example (S-808xxCN)
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com