Electronic Components Datasheet Search
  English  ▼

X  

S80830 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S80830
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S80830 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S80830 Datasheet HTML 10Page - Seiko Instruments Inc S80830 Datasheet HTML 11Page - Seiko Instruments Inc S80830 Datasheet HTML 12Page - Seiko Instruments Inc S80830 Datasheet HTML 13Page - Seiko Instruments Inc S80830 Datasheet HTML 14Page - Seiko Instruments Inc S80830 Datasheet HTML 15Page - Seiko Instruments Inc S80830 Datasheet HTML 16Page - Seiko Instruments Inc S80830 Datasheet HTML 17Page - Seiko Instruments Inc S80830 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.3.2_00
14
Seiko Instruments Inc.
Electrical Characteristics
1. Nch Open-drain Output Products
1-1. Detection Voltage Typ.1.4 V or Less Products
Table 14
(Ta
=25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
−VDET
−VDET(S)
×0.98
−VDET(S) −VDET(S)
×1.02
V
1
Release voltage
+VDET
S-80808 0.802
0.834
0.867
S-80809 0.910
0.944
0.979
S-80810 1.017
1.054
1.091
S-80811 1.125
1.164
1.203
S-80812 1.232
1.273
1.315
S-80813 1.340
1.383
1.427
S-80814 1.448
1.493
1.538
Hysteresis width
VHYS
S-80808 0.018
0.034
0.051
S-80809 0.028
0.044
0.061
S-80810 0.037
0.054
0.071
S-80811 0.047
0.064
0.081
S-80812 0.056
0.073
0.091
S-80813 0.066
0.083
0.101
S-80814 0.076
0.093
0.110
Current consumption
ISS
VDD
=1.5 V
S-80808 to 09
1.3
3.5
µA
2
VDD
=2.0 V
S-80810 to 14
1.3
3.5
Operating voltage
VDD
0.65
5.0
V
1
Output current
IOUT
Output transistor,
Nch, VDS
=0.5 V, VDD=0.7 V
0.04
0.2
mA
3
Leakage current
ILEAK
Output transistor,
Nch, VDS
=5.0 V, VDD=5.0 V
60
nA
Response time
tPLH
60
µs
1
Detection voltage
temperature
coefficient
*2
DET
DET
V
Ta
V
−
•
∆
−
∆
Ta
=−40 °C to +85 °C
±100
±350
ppm/
°C
*1.
−VDET: Actual detection voltage value, −VDET(S): Specified detection voltage value (The center value of the
detection voltage range in Table 1 to 2.)
*2.
The temperature change ratio in the detection voltage [mV/°C] is calculated by using the following equation.
[]
()
[]
[] 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
÷
°
−
∆
−
∆
×
−
=
°
∆
−
∆
•
3
*
2
*
*1
*1.
Temperature change ratio of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com