Electronic Components Datasheet Search
  English  ▼

X  

S80830 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S80830
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S80830 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S80830 Datasheet HTML 30Page - Seiko Instruments Inc S80830 Datasheet HTML 31Page - Seiko Instruments Inc S80830 Datasheet HTML 32Page - Seiko Instruments Inc S80830 Datasheet HTML 33Page - Seiko Instruments Inc S80830 Datasheet HTML 34Page - Seiko Instruments Inc S80830 Datasheet HTML 35Page - Seiko Instruments Inc S80830 Datasheet HTML 36Page - Seiko Instruments Inc S80830 Datasheet HTML 37Page - Seiko Instruments Inc S80830 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.3.2_00
34
Seiko Instruments Inc.
3. Change of Detection Voltage
In Nch open-drain output products of the S-808xxC series, detection voltage can be changed using
resistance dividers or diodes as shown in Figures 30 to 31. In Figure 30, hysteresis width also changes.
(Nch open-drain
output products)
RA
*1
OUT
VIN
VSS
VDD
+
−
S-
808xxCN
RB
(RA
≤75 kΩ)
DET
B
B
A
V
R
R
R
voltagae
Detection
−
•
+
=
HYS
B
B
A
V
R
R
R
width
Hysterisis
•
+
=
(Nch open-drain
output product)
Vf1
OUT
VIN
VSS
VDD
S-
808xxCN
Vf2
Detection voltage=Vf1+Vf2+(
−VDET)
*1.
RA should be 75 k
Ω or less to prevent oscillation.
Caution If RA and RB are large, the hysteresis
width may aloso be larger than the value
given by the above equation due to the
through-type current (which flows
slightly in an Nch open-drain product).
Figure 30
Figure 31
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com