Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC571 Datasheet(PDF) 39 Page - Analog Devices

Part # ADSP-SC571
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADSP-SC571 Datasheet HTML 35Page - Analog Devices ADSP-SC571 Datasheet HTML 36Page - Analog Devices ADSP-SC571 Datasheet HTML 37Page - Analog Devices ADSP-SC571 Datasheet HTML 38Page - Analog Devices ADSP-SC571 Datasheet HTML 39Page - Analog Devices ADSP-SC571 Datasheet HTML 40Page - Analog Devices ADSP-SC571 Datasheet HTML 41Page - Analog Devices ADSP-SC571 Datasheet HTML 42Page - Analog Devices ADSP-SC571 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 142 page
background image
Rev. B
|
Page 39 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
DAI0_PIN15
DAI0 Pin 15
Not Muxed
DAI0_PIN15
DAI0_PIN16
DAI0 Pin 16
Not Muxed
DAI0_PIN16
DAI0_PIN17
DAI0 Pin 17
Not Muxed
DAI0_PIN17
DAI0_PIN18
DAI0 Pin 18
Not Muxed
DAI0_PIN18
DAI0_PIN19
DAI0 Pin 19
Not Muxed
DAI0_PIN19
DAI0_PIN20
DAI0 Pin 20
Not Muxed
DAI0_PIN20
ETH0_COL
EMAC0 MII Collision detect
C
PC_06
ETH0_CRS
EMAC0 Carrier Sense/RMII Receive Data Valid
B
PB_01
ETH0_MDC
EMAC0 Management Channel Clock
A
PA_11
ETH0_MDIO
EMAC0 Management Channel Serial Data
A
PA_10
ETH0_PTPAUXIN0
EMAC0 PTP Auxiliary Trigger Input 0
D
PD_14
ETH0_PTPAUXIN1
EMAC0 PTP Auxiliary Trigger Input 1
D
PD_15
ETH0_PTPPPS0
EMAC0 PTP Pulse Per Second Output 0
A
PA_09
ETH0_PTPPPS1
EMAC0 PTP Pulse Per Second Output 1
D
PD_08
ETH0_RXCLK_REFCLK
EMAC0 RXCLK (10/100/1000) or REFCLK (10/100)
B
PB_00
ETH0_RXCTL_RXDV
EMAC0 RXCTL (10/100/1000) or CRS (10/100)
B
PB_01
ETH0_RXD0
EMAC0 Receive Data 0
A
PA_13
ETH0_RXD1
EMAC0 Receive Data 1
A
PA_12
ETH0_RXD2
EMAC0 Receive Data 2
A
PA_14
ETH0_RXD3
EMAC0 Receive Data 3
A
PA_15
ETH0_RXERR
EMAC0 Receive Error
B
PB_03
ETH0_TXCLK
EMAC0 Transmit Clock
B
PB_04
ETH0_TXCTL_TXEN
EMAC0 TXCTL (10/100/1000) or TXEN (10/100)
B
PB_09
ETH0_TXD0
EMAC0 Transmit Data 0
B
PB_07
ETH0_TXD1
EMAC0 Transmit Data 1
B
PB_08
ETH0_TXD2
EMAC0 Transmit Data 2
B
PB_06
ETH0_TXD3
EMAC0 Transmit Data 3
B
PB_05
HADC0_EOC_DOUT
HADC0 End of Conversion/Serial Data Out
D
PD_09
HADC0_VIN0
HADC0 Analog Input at channel 0
Not Muxed
HADC0_VIN0
HADC0_VIN1
HADC0 Analog Input at channel 1
Not Muxed
HADC0_VIN1
HADC0_VIN2
HADC0 Analog Input at channel 2
Not Muxed
HADC0_VIN2
HADC0_VIN3
HADC0 Analog Input at channel 3
Not Muxed
HADC0_VIN3
HADC0_VREFN
HADC0 Ground Reference for ADC
Not Muxed
HADC0_VREFN
HADC0_VREFP
HADC0 External Reference for ADC
Not Muxed
HADC0_VREFP
JTG_TCK
JTAG Clock
Not Muxed
JTG_TCK
JTG_TDI
JTAG Serial Data In
Not Muxed
JTG_TDI
JTG_TDO
JTAG Serial Data Out
Not Muxed
JTG_TDO
JTG_TMS
JTAG Mode Select
Not Muxed
JTG_TMS
JTG_TRST
JTAG Reset
Not Muxed
JTG_TRST
LP1_ACK
LP1 Acknowledge
B
PB_01
LP1_CLK
LP1 Clock
B
PB_03
LP1_D0
LP1 Data 0
D
PD_10
LP1_D1
LP1 Data 1
D
PD_11
LP1_D2
LP1 Data 2
D
PD_12
LP1_D3
LP1 Data 3
D
PD_13
LP1_D4
LP1 Data 4
D
PD_14
LP1_D5
LP1 Data 5
D
PD_15
LP1_D6
LP1 Data 6
A
PA_09
Table 20. ADSP-SC57x/ADSP-2157x 176-Lead LQFP Signal Descriptions (Continued)
Signal Name
Description
Port
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com