Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC571 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-SC571
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-SC571 Datasheet HTML 1Page - Analog Devices ADSP-SC571 Datasheet HTML 2Page - Analog Devices ADSP-SC571 Datasheet HTML 3Page - Analog Devices ADSP-SC571 Datasheet HTML 4Page - Analog Devices ADSP-SC571 Datasheet HTML 5Page - Analog Devices ADSP-SC571 Datasheet HTML 6Page - Analog Devices ADSP-SC571 Datasheet HTML 7Page - Analog Devices ADSP-SC571 Datasheet HTML 8Page - Analog Devices ADSP-SC571 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
SHARC, SHARC+, and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC+ Dual-Core
DSP with ARM Cortex-A5
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
SYSTEM FEATURES
Dual-enhanced SHARC+ high performance floating-point
cores
Up to 500 MHz per SHARC+ core
Up to 3 Mb (384 kB) L1 SRAM memory per core with parity
(optional ability to configure as cache)
32-bit, 40-bit, and 64-bit floating-point support
32-bit fixed point
Byte, short word, word, long word addressed
ARM Cortex-A5 core
500 MHz/800 DMIPS with NEON/VFPv4-D16/Jazelle
32 kB L1 instruction cache with parity/32 kB L1 data cache
with parity
256 kB L2 cache with parity
Powerful DMA system
On-chip memory protection
Integrated safety features
17 mm × 17 mm 400-ball CSP_BGA and 176-lead LQFP_EP,
RoHS compliant
Low system power across automotive temperature range
MEMORY
Large on-chip L2 SRAM with ECC protection, up to 1 MB
One L3 interface optimized for low system power, providing
16-bit interface to DDR3 (supporting 1.5 V capable DDR3L
devices), DDR2, or LPDDR1 SDRAM devices
ADDITIONAL FEATURES
Security and Protection
Cryptographic hardware accelerators
Fast secure boot with IP protection
Support for ARM TrustZone
Accelerators
FIR, IIR offload engines
Qualified for automotive applications
Figure 1. Processor Block Diagram
PERIPHERALS
S
L1 SRAM (PARITY)
3 Mb (384 kB)
SRAM/CACHE
32 kB L1 I-CACHE
32 kB L1 D-CACHE
SYSTEM
L2 MEMORY
SYSTEM
ACCELERATION
L3 MEMORY
INTERFACE
DDR3
DDR2
LPDDR1
DSP FUNCTIONS
(FIR, IIR)
L1 SRAM (PARITY)
3 Mb (384 kB)
SRAM/CACHE
ENCRYPTION/DECRYPTION
L1 CACHE (PARITY)
L2 CACHE
256 kB (PARITY)
DATA
16
SYSTEM CROSSBAR AND DMA SUBSYSTEM
3× I
2C
G
P
I
O
2× LINK PORTS
2× SPI + 1× QUAD SPI
3× UARTs
8× TIMERS + 1× COUNTER
1× EPPI
ADC CONTROL MODULE
(ACM)
SD/SDIO/eMMC
MLB 3-PIN
2× CAN2.0
1 USB 2.0 HS
MLB 6-PIN
HADC (8 CHAN, 12-BIT)
1× EMAC
CORE 1
CORE 2
CORE 0
S
ASRC
4× PAIRS
1× S/PDIF Rx/Tx
2× PRECISION CLOCK
GENERATORS
FULL SPORT
0-3
1x DAI
1x PIN
BUFFER
SIGNAL ROUTING UNIT (SRU)
SRAM
(ECC)
8 Mb (1 MB)
SYSTEM CONTROL
FAULT MANAGEMENT
SYSTEM PROTECTION (SPU)
SECURITY AND PROTECTION
ARM® TrustZone® SECURITY
DUAL CRC
WATCHDOGS
THERMAL MONITOR UNIT (TMU)
OTP MEMORY
TRIGGER ROUTING (TRU)
SYS EVENT CORE 0 (GIC)
PROGRAM FLOW
CLOCK GENERATION (CGU)
CLOCK, RESET, AND POWER
POWER MANAGEMENT (DPM)
RESET CONTROL (RCU)
WATCHPOINTS (SWU)
ARM® CoreSightTM
DEBUG UNIT
SYSTEM MEMORY
PROTECTION UNIT (SMPU)
CLOCK DISTRIBUTION
UNIT (CDU)
20
6
92–64
7
6
8–4
SYS EVENT CORES 1-2 (SEC)
8x SHARC® FLAGS


Similar Part No. - ADSP-SC571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC582BBCZ-4A AD-ADSP-SC582BBCZ-4A Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC582CBCZ-4A AD-ADSP-SC582CBCZ-4A Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC582KBCZ-4A AD-ADSP-SC582KBCZ-4A Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
More results

Similar Description - ADSP-SC571

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
ARM Cortex A8 Core
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Analog Devices
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
logo
List of Unclassifed Man...
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
Cyclone V SoC with Dual-core ARM Cortex-A9
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com