Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC571 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-SC571
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-SC571 Datasheet HTML 17Page - Analog Devices ADSP-SC571 Datasheet HTML 18Page - Analog Devices ADSP-SC571 Datasheet HTML 19Page - Analog Devices ADSP-SC571 Datasheet HTML 20Page - Analog Devices ADSP-SC571 Datasheet HTML 21Page - Analog Devices ADSP-SC571 Datasheet HTML 22Page - Analog Devices ADSP-SC571 Datasheet HTML 23Page - Analog Devices ADSP-SC571 Datasheet HTML 24Page - Analog Devices ADSP-SC571 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
Rev. B
|
Page 21 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
The two capacitors and the series resistor, shown in Figure 6,
fine tune phase and amplitude of the sine frequency. The capac-
itor and resistor values shown in Figure 6 are typical values
only. The capacitor values are dependent upon the load capaci-
tance recommendations of the crystal manufacturer and the
physical layout of the printed circuit board (PCB). The resistor
value depends on the drive level specified by the crystal manu-
facturer. The user must verify the customized values based on
careful investigations on multiple devices over the required
temperature range.
A third overtone crystal can be used for frequencies above
25 MHz. The circuit is then modified to ensure crystal operation
only at the third overtone by adding a tuned inductor circuit,
shown in Figure 6. A design procedure for third overtone opera-
tion is discussed in detail in “Using Third Overtone Crystals
with the ADSP-218x DSP” (EE-168). The same recommenda-
tions can be used for the USB crystal oscillator.
Clock Distribution Unit (CDU)
The two CGUs each provide outputs which feed a clock distri-
bution unit (CDU). The clock outputs CLKO0–CLKO9 are
connected to various targets. For more information, refer to the
ADSP-SC57x/ADSP-2157x SHARC+ Processor Hardware
Reference.
Power-Up
SYS_XTALx oscillations (SYS_CLKINx) start when power is
applied to the VDD_EXT pins. The rising edge of SYS_HWRST
starts on-chip PLL locking (PLL lock counter). The deassertion
must apply only if all voltage supplies and SYS_CLKINx oscilla-
tions are valid (refer to the Power-Up Reset Timing section).
Clock Out/External Clock
The SYS_CLKOUT output pin has programmable options to
output divided-down versions of the on-chip clocks. By default,
the SYS_CLKOUT pin drives a buffered version of the
SYS_ CLKIN0 input. Refer to the ADSP-SC57x/ADSP-2157x
SHARC+ Processor Hardware Reference to change the default
mapping of clocks.
Booting
The processors have several mechanisms for automatically load-
ing internal and external memory after a reset. The boot mode is
defined by the SYS_BMODE[n] input pins. There are two cate-
gories of boot modes. In master boot mode, the processors
actively load data from serial memories. In slave boot modes,
the processors receive data from external host devices.
The boot modes are shown in Table 9. These modes are imple-
mented by the SYS_BMODE[n] bits of the reset configuration
register and are sampled during power-on resets and software
initiated resets.
In the ADSP-SC57x processors, the ARM Cortex-A5 (Core 0)
controls the boot process, including loading all internal and
external memory. Likewise, in the ADSP-2157x processors, the
SHARC+ (Core 1) controls the boot function. The option for
secure boot is available on all models.
Thermal Monitoring Unit (TMU)
The thermal monitoring unit (TMU) provides on-chip tem-
perature measurement for applications that require substantial
power consumption. The TMU is integrated into the processor
die and digital infrastructure using an MMR-based system
access to measure the die temperature variations in real-time.
TMU features include the following:
• On-chip temperature sensing
• Programmable over temperature and under temperature
limits
• Programmable conversion rate
• Programmable clock source selection to run the sensor off
an independent local clock
• Averaging feature available
Power Supplies
The processors have separate power supply connections for
• Internal (VDD_INT)
• External (VDD_EXT)
• USB (VDD_USB)
• HADC/TMU (VDD_HADC)
• DMC (VDD_DMC)
All power supplies must meet the specifications provided in
Operating Conditions section. All external supply pins must be
connected to the same power supply.
Power Management
As shown in Table 10, the processors support four different
power domains, which maximizes flexibility while maintaining
compliance with industry standards and conventions. There are
no sequencing requirements for the various power domains, but
all domains must be powered according to the appropriate spec-
ifications (see the Specifications section for processor operating
conditions). If the feature or the peripheral is not used, refer to
Table 25.
Table 9. Boot Modes
SYS_BMODE[n] Setting1, 2 Boot Mode
000
No boot
001
SPI2 master
010
SPI2 slave
011
UART0 slave
100
Reserved
101
Reserved
110
Link0 slave
1 SYS_BMODE2 pin is applicable only for the BGA package.
2 Link0 slave boot is supported only on the BGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com