Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC571 Datasheet(PDF) 58 Page - Analog Devices

Part # ADSP-SC571
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADSP-SC571 Datasheet HTML 54Page - Analog Devices ADSP-SC571 Datasheet HTML 55Page - Analog Devices ADSP-SC571 Datasheet HTML 56Page - Analog Devices ADSP-SC571 Datasheet HTML 57Page - Analog Devices ADSP-SC571 Datasheet HTML 58Page - Analog Devices ADSP-SC571 Datasheet HTML 59Page - Analog Devices ADSP-SC571 Datasheet HTML 60Page - Analog Devices ADSP-SC571 Datasheet HTML 61Page - Analog Devices ADSP-SC571 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 142 page
background image
Rev. B
|
Page 58 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
Clock Related Operating Conditions
Table 27 describes the core clock, system clock, and peripheral clock timing requirements. The data presented in the table applies to all
speed grades except where expressly noted.
Table 27. Clock Operating Conditions
Parameter
Restriction
Min
Typ
Max
Unit
fCCLK
Core Clock Frequency
fCCLK ≥ fSYSCLK
100
500
MHz
fSYSCLK
SYSCLK Frequency1
1 When using MLB, there is a requirement that the fSYSCLK value must be a minimum of 100 MHz for both 3-pin and 6-pin modes and for all supported speeds.
250
MHz
fSCLK0
SCLK0 Frequency2
2 The minimum frequency for SCLK0 applies only when using the USB.
fSYSCLK ≥ fSCLK0
30
125
MHz
fSCLK1
SCLK1 Frequency
fSYSCLK ≥ fSCLK1
125
MHz
fDCLK
LPDDR Clock Frequency
200
MHz
fDCLK
DDR2 Clock Frequency
400
MHz
fDCLK
DDR3 Clock Frequency
450
MHz
fOCLK
Output Clock Frequency3
3 fOCLK must not exceed fSCLK0 when selected as SYS_CLKOUT.
250
MHz
fSYS_CLKOUTJ SYS_CLKOUT Period Jitter
4, 5
4 SYS_CLKOUT jitter is dependent on the application system design including pin switching activity, board layout, and the jitter characteristics of the SYS_CLKIN source.
Due to the dependency on these factors, the measured jitter can be higher or lower than this typical specification for each end application.
5 The value in the Typ field is the percentage of the SYS_CLKOUT period.
±1
%
fPCLKPROG
Programmed PPI Clock When Transmitting Data and Frame Sync
62.5
MHz
fPCLKPROG
Programmed PPI Clock When Receiving Data or Frame Sync
50
MHz
fPCLKEXT
External PPI Clock When Receiving Data and Frame Sync6, 7
6 The maximum achievable frequency for any peripheral in external clock mode is dependent on being able to meet the setup and hold times in the ac timing specifications
section for that peripheral.
7 The peripheral external clock frequency must also be less than or equal to the fSCLK (fSCLK0 or fSCLK1) that clocks the peripheral.
fPCLKEXT ≤ fSCLK0
62.5
MHz
fPCLKEXT
External PPI Clock Transmitting Data or Frame Sync6, 7
fPCLKEXT ≤ fSCLK0
50
MHz
fLCLKTPROG
Programmed Link Port Transmit Clock
125
MHz
fLCLKREXT
External Link Port Receive Clock6, 7
fLCLKEXT ≤ fSCLK0
125
MHz
fSPTCLKPROG
Programmed SPT Clock When Transmitting Data and Frame Sync
62.5
MHz
fSPTCLKPROG
Programmed SPT Clock When Receiving Data or Frame Sync
31.25
MHz
fSPTCLKEXT
External SPT Clock When Receiving Data and Frame Sync6, 7
fSPTCLKEXT ≤ fSCLK0
62.5
MHz
fSPTCLKEXT
External SPT Clock Transmitting Data or Frame Sync6, 7
fSPTCLKEXT ≤ fSCLK0
31.25
MHz
fSPICLKPROG
Programmed SPI2 Clock When Transmitting Data
75
MHz
Programmed SPI0, SPI1 Clock When Transmitting Data
62.5
MHz
fSPICLKPROG
Programmed SPI2 Clock When Receiving Data
75
MHz
Programmed SPI0, SPI1 Clock When Receiving Data
62.5
MHz
fSPICLKEXT
External SPI2 Clock When Receiving Data6, 7
fSPICLKEXT ≤ fSCLK1
75
MHz
External SPI0, SPI1 Clock When Receiving Data6, 7
fSPICLKEXT ≤ fSCLK0
62.5
MHz
fSPICLKEXT
External SPI2 Clock When Transmitting Data6, 7
fSPICLKEXT ≤ fSCLK1
45
MHz
External SPI0, SPI1 Clock When Transmitting Data6,7
fSPICLKEXT ≤ fSCLK0
62.5
MHz
fACLKPROG
Programmed ACM Clock
56.25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com