Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC571 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-SC571
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-SC571 Datasheet HTML 15Page - Analog Devices ADSP-SC571 Datasheet HTML 16Page - Analog Devices ADSP-SC571 Datasheet HTML 17Page - Analog Devices ADSP-SC571 Datasheet HTML 18Page - Analog Devices ADSP-SC571 Datasheet HTML 19Page - Analog Devices ADSP-SC571 Datasheet HTML 20Page - Analog Devices ADSP-SC571 Datasheet HTML 21Page - Analog Devices ADSP-SC571 Datasheet HTML 22Page - Analog Devices ADSP-SC571 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
Rev. B
|
Page 19 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
The USB clock is provided through a dedicated external crystal
or crystal oscillator.
The USB OTG dual-role device controller includes a phase-
locked loop (PLL) with programmable multipliers to generate
the necessary internal clocking frequency for the USB.
Media Local Bus (MediaLB)
The automotive model has a Microchip MediaLB (MLB) slave
interface that allows the processors to function as a media local
bus device. It includes support for both 3-pin and 6-pin media
local bus protocols. The MLB 3-pin configuration supports
speeds up to 1024 × FS. The MLB 6-pin configuration supports
speed of 2048 × FS. The MLB also supports up to 64 logical
channels with up to 468 bytes of data per MLB frame.
The MLB interface supports MOST25, MOST50, and MOST150
data rates and operates in slave mode only.
2-Wire Controller Interface (TWI)
The processors include three 2-wire interface (TWI) modules
that provide a simple exchange method of control data between
multiple devices. The TWI module is compatible with the
widely used I2C bus standard. The TWI module offers the
capabilities of simultaneous master and slave operation and
support for both 7-bit addressing and multimedia data arbitra-
tion. The TWI interface utilizes two pins for transferring clock
(TWI_SCL) and data (TWI_SDA) and supports the protocol at
speeds up to 400 kb/sec. The TWI interface pins are compatible
with 5 V logic levels.
Additionally, the TWI module is fully compatible with serial
camera control bus (SCCB) functionality for easier control of
various CMOS camera sensor devices.
General-Purpose I/O (GPIO)
Each general-purpose port pin can be individually controlled by
manipulating the port control, status, and interrupt registers:
• GPIO direction control register specifies the direction of
each individual GPIO pin as input or output.
• GPIO control and status registers have a write one to mod-
ify mechanism that allows any combination of individual
GPIO pins to be modified in a single instruction, without
affecting the level of any other GPIO pins.
• GPIO interrupt mask registers allow each individual GPIO
pin to function as an interrupt to the processors. GPIO pins
defined as inputs can be configured to generate hardware
interrupts, while output pins can be triggered by software
interrupts.
• GPIO interrupt sensitivity registers specify whether indi-
vidual pins are level or edge sensitive and specify, if edge
sensitive, whether the rising edge or both the rising and
falling edges of the signal are significant.
Pin Interrupts
Every port pin on the processors can request interrupts in either
an edge sensitive or a level sensitive manner with programmable
polarity. Interrupt functionality is decoupled from GPIO opera-
tion. Five system level interrupt channels (PINT0–PINT4) are
reserved for this purpose. Each of these interrupt channels can
manage up to 32 interrupt pins. The assignment from pin to
interrupt is not performed on a pin by pin basis. Rather, groups
of eight pins (half ports) can be flexibly assigned to interrupt
channels.
Every pin interrupt channel features a special set of 32-bit mem-
ory-mapped registers that enable half-port assignment and
interrupt management. This includes masking, identification,
and clearing of requests. These registers also enable access to the
respective pin states and use of the interrupt latches, regardless
of whether the interrupt is masked or not. Most control registers
feature multiple MMR address entries to write one to set or
write one to clear them individually.
Mobile Storage Interface (MSI)
The mobile storage interface (MSI) controller acts as the host
interface for multimedia cards (MMC), secure digital memory
cards (SD), and secure digital input/output cards (SDIO). The
MSI controller has the following features:
• Support for a single MMC, SD memory, and SDIO card
• Support for 1-bit and 4-bit SD modes
• Support for 1-bit, 4-bit, and 8-bit MMC modes
• Support for eMMC 4.3 embedded NAND flash devices
• An 11-signal external interface with clock, command,
optional interrupt, and up to eight data lines
• Integrated DMA controller
• Card interface clock generation in the clock distribution
unit (CDU)
• SDIO interrupt and read wait features
SYSTEM ACCELERATION
The following sections describe the system acceleration blocks
of the ADSP-SC57x/ADSP-2157x processors.
Finite Impulse Response (FIR) Accelerator
The finite impulse response (FIR) accelerator consists of a
1024 word coefficient memory, a 1024 word deep delay line for
the data, and four MAC units. A controller manages the acceler-
ator. The FIR accelerator runs at the peripheral clock frequency.
The FIR accelerator can access all memory spaces and can run
concurrently with the other accelerators on the processor.
Infinite Impulse Response (IIR) Accelerator
The infinite impulse response (IIR) accelerator consists of a
1440 word coefficient memory for storage of biquad coeffi-
cients, a data memory for storing the intermediate data, and one
MAC unit. A controller manages the accelerator. The IIR accel-
erator runs at the peripheral clock frequency. The IIR
accelerator can access all memory spaces and run concurrently
with the other accelerators on the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com