Electronic Components Datasheet Search
  English  ▼

X  

LT8311 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8311
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8311 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8311 Datasheet HTML 2Page - Analog Devices LT8311 Datasheet HTML 3Page - Analog Devices LT8311 Datasheet HTML 4Page - Analog Devices LT8311 Datasheet HTML 5Page - Analog Devices LT8311 Datasheet HTML 6Page - Analog Devices LT8311 Datasheet HTML 7Page - Analog Devices LT8311 Datasheet HTML 8Page - Analog Devices LT8311 Datasheet HTML 9Page - Analog Devices LT8311 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LT3752/LT3752-1
6
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, UVLO_VSEC = 2.5V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
COMP Sink Current
FB = 1.5V, COMP = 1.75V
6.5
11.5
mA
COMP Output High Clamp
FB = 1V
2.6
V
COMP Switching Threshold
1.25
V
Current Sense (Main Loop)
ISENSEP Maximum Threshold
FB = 1V, OC = 0V
180
220
260
mV
COMP Current Mode Gain
∆VCOMP/∆VISENSEP
6.1
V/V
ISENSEP Input Current (D = 0%)
(Note 10)
2
µA
ISENSEP Input Current (D = 80%)
(Note 10)
33
µA
ISENSEN Input Current
FB = 1.5V (COMP Open) (Note 10)
FB = 1V (COMP Open) (Note 10)
20
90
30
135
µA
µA
OC Overcurrent Threshold
l
82.5
96
107.5
mV
OC Input Current
200
500
nA
AOUT Driver (Active Clamp Switch Control) (LT3752 External PMOS; LT3752-1 External NMOS)
AOUT Rise Time
CL = 1nF (Note 5), INTVCC = 12V
23
ns
AOUT Fall Time
CL = 1nF (Note 5), INTVCC = 12V
19
ns
AOUT Low Level
0.1
V
AOUT High Level
INTVCC = 12V
11.9
V
AOUT High Level in Shutdown (LT3752)
UVLO_VSEC = 0V, INTVCC = 8V, IAOUT = 1mA Out
of the Pin
7.8
V
AOUT Low Level in Shutdown (LT3752-1)
UVLO_VSEC = 0V, INTVCC = 12V, IAOUT = 1mA Into
the Pin
0.25
V
AOUT Edge to OUT (Rise): (tAO)
CSOUT = 1nF, COUT = 3.3nF, INTVCC = 12V
RTAO = 44.2k
RTAO = 73.2k (Note 11)
168
253
218
328
268
403
ns
ns
OUT (Fall) to AOUT Edge: (tOA)
CSOUT = 1nF, COUT = 3.3nF, INTVCC = 12V
RTAO = 44.2k
RTAO = 73.2k (Note 12)
150
214
196
295
250
376
ns
ns
SOUT Driver (Synchronous Rectification Control)
SOUT Rise Time
COUT = 1nF, INTVCC = 12V (Note 5)
21
ns
SOUT Fall Time
COUT = 1nF, INTVCC = 12V (Note 5)
19
ns
SOUT Low Level
0.1
V
SOUT High Level
INTVCC = 12V
11.9
V
SOUT High Level in Shutdown
UVLO_VSEC = 0V, INTVCC = 8V, ISOUT = 1mA Out
of the Pin
7.8
V
AOUT Edge to SOUT (Fall): (tAS)
CAOUT = CSOUT = 1nF, INTVCC = 12V
RTAS = 44.2k (Note 13)
RTAS = 73.2k
168
253
218
328
268
403
ns
ns
SOUT (Fall) to OUT (Rise): (tSO = tAO – tAS)
CSOUT = 1nF, COUT = 3.3nF, INTVCC = 12V
RTAO = 73.2k, RTAS = 44.2k (Notes 11, 13)
RTAO = 44.2k, RTAS = 73.2k
70
–70
110
–110
132
–132
ns
ns
OUT (Fall) to SOUT (Rise): (tOS)
CSOUT = 1nF, COUT = 3.3nF, INTVCC = 12V
RTOS = 14.7k
RTOS = 44.2k (Note 14)
52
102
68
133
84
164
ns
ns
OUT Driver (Main Power Switch Control)
OUT Rise Time
COUT = 3.3nF, INTVCC = 12V (Note 5)
19
ns
OUT Fall Time
COUT = 3.3nF, INTVCC = 12V (Note 5)
20
ns
OUT Low Level
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com