Electronic Components Datasheet Search
  English  ▼

X  

LT8311 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8311
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8311 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8311 Datasheet HTML 5Page - Analog Devices LT8311 Datasheet HTML 6Page - Analog Devices LT8311 Datasheet HTML 7Page - Analog Devices LT8311 Datasheet HTML 8Page - Analog Devices LT8311 Datasheet HTML 9Page - Analog Devices LT8311 Datasheet HTML 10Page - Analog Devices LT8311 Datasheet HTML 11Page - Analog Devices LT8311 Datasheet HTML 12Page - Analog Devices LT8311 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LT3752/LT3752-1
9
Rev. C
For more information www.analog.com
VIN Start-Up and Shutdown Current
vs Junction Temperature
VIN(ON), VIN(OFF) Thresholds
vs Junction Temperature
VIN Quiescent Current vs Junction
Temperature
UVLO_VSEC Turn-On Threshold
vs Junction Temperature
UVLO_VSEC Hysteresis Current
vs Junction Temperature
HFB PGOOD Thresholds
vs Junction Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
JUNCTION TEMPERATURE (°C)
–75
220
180
200
160
140
120
100
80
60
40
20
0
25
150
–25
100
3752 G01
175
0
125
–50
50 75
LT3752-1 VIN START-UP CURRENT
(VIN = VIN_ON)
LT3752/LT3752-1 VIN SHUTDOWN CURRENT
(VIN = 12V) UVLO_VSEC = 0.2V
JUNCTION TEMPERATURE (°C)
–75
1.275
1.270
1.265
1.260
1.255
1.250
1.245
1.240
1.235
1.230
1.225
25
150
–25
100
3752 G04
175
0
125
–50
50 75
JUNCTION TEMPERATURE (°C)
–75
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
25
150
–25
100
3752 G06
175
0
125
–50
50 75
HFB PGOOD (+) = ENABLE FORWARD
CONTROLLER CIRCUITRY
HFB PGOOD (–) = DISABLE FORWARD
CONTROLLER CIRCUITRY
JUNCTION TEMPERATURE (°C)
–75
6.0
5.5
5.0
4.5
4.0
25
150
–25
100
3752 G05
175
0
125
–50
50 75
JUNCTION TEMPERATURE (°C)
–75
8
7
6
5
4
3
2
1
0
25
150
–25
100
3752 G03
175
0
125
–50
50 75
LT3752: HOUSEKEEPING ONLY
(NO SWITCHING)
LT3752/-1: HOUSEKEEPING + FORWARD
(NO SWITCHING)
LT3752-1: HOUSEKEEPING ONLY
(NO SWITCHING)
JUNCTION TEMPERATURE (°C)
–75
10.0
9.0
9.5
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
25
150
–25
100
3752 G02
175
0
125
–50
50 75
LT3752-1 VIN_ON
LT3752-1 VIN_OFF
LT3752 VIN_ON
LT3752 VIN_OFF
HFB Reference Voltage
vs Junction Temperature
HFB OVLO Thresholds
vs Junction Temperature
JUNCTION TEMPERATURE (°C)
–75
1.30
1.25
1.20
1.15
1.10
1.05
1.00
25
150
–25
100
3752 G08
175
0
125
–50
50 75
HFB > OVLO (+) = DISABLE HOUT
SWITCHING
HFB < OVLO (–) = ENABLE HOUSEKEEPING
OPERATION
JUNCTION TEMPERATURE (°C)
–75
1.100
1.075
1.050
1.025
1.000
0.975
0.950
0.925
0.900
25
150
–25
100
3752 G07
175
0
125
–50
50 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com